Electronic Components Datasheet Search
  English  ▼

X  

FX929B Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX929B
Description  Flexible Operating Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929B Datasheet(HTML) 1 Page - CML Microcircuits

  FX929B Datasheet HTML 1Page - CML Microcircuits FX929B Datasheet HTML 2Page - CML Microcircuits FX929B Datasheet HTML 3Page - CML Microcircuits FX929B Datasheet HTML 4Page - CML Microcircuits FX929B Datasheet HTML 5Page - CML Microcircuits FX929B Datasheet HTML 6Page - CML Microcircuits FX929B Datasheet HTML 7Page - CML Microcircuits FX929B Datasheet HTML 8Page - CML Microcircuits FX929B Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
CML Semiconductor Products
4-Level FSK Modem Data Pump
FX929B
© 1997 Consumer Microcircuits Limited
Advance Information
D/929B/1 May 1997
Features
Applications
•• 4800 to 19200 b/s Operation
•• RCR STD-47 and RD-LAP* Systems
•• Full Packet Data Framing
•• Two-Way Paging Equipment
•• 4-Level FSK Data Modulation
•• Mobile Data Systems
•• Low Power, 2.5mA at 3.3V
•• Wireless Telemetry
•• Flexible Operating Modes
•• DataTAC®® Terminals
•• Powersave Option
•• Portable Wireless Data Equipment
*Radio Data-Link Access Procedure (RD-LAP) is a data communications air interface protocol developed by Motorola Inc.
1.1
Brief Description
The FX929B is a CMOS integrated circuit that contains all of the baseband signal processing and Medium
Access Control (MAC) protocol functions required for a high performance 4-level FSK Wireless Packet Data
Modem. It interfaces with the modem host processor and the radio modulation/demodulation circuits to deliver
reliable two-way transfer of the application data over the wireless link. The FX929B is backwards compatible
with the FX929A but offers better performance during radio link fading and selectable Tx symbol shapes.
The FX929B assembles application data received from the processor, adds forward error correction (FEC) and
error detection (CRC) information and interleaves the result for burst-error protection. After adding symbol and
frame synchronisation codewords, it converts the packet into a filtered 4-level analogue baseband signal for
modulating the radio transmitter.
In receive mode, the FX929B performs the reverse function using the analogue baseband signals from the
receiver discriminator. After error correction and removal of the packet overhead, the recovered application
data is supplied to the processor. Any residual uncorrected errors in the data will be flagged. A readout of the
SNR value during receipt of a packet is also provided.
The FX929B uses data block sizes and FEC/CRC algorithms compatible with the RD-LAP and RCR STD-47
over-air standards. The device is programmable to operate at most standard bit-rates from a wide choice of
Xtal/clock frequencies.
D2
D5
P4


Similar Part No. - FX929B

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX929A CMLMICRO-FX929A Datasheet
1Mb / 44P
4-Level FSK Modem Data Pump
FX929AD2 CMLMICRO-FX929AD2 Datasheet
1Mb / 44P
4-Level FSK Modem Data Pump
FX929AD5 CMLMICRO-FX929AD5 Datasheet
1Mb / 44P
4-Level FSK Modem Data Pump
FX929AP4 CMLMICRO-FX929AP4 Datasheet
1Mb / 44P
4-Level FSK Modem Data Pump
More results

Similar Description - FX929B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F3651TNFC RENESAS-R5F3651TNFC_11 Datasheet
891Kb / 115P
This MCU consumes low power, and supports operating modes
R5F364A6NFA RENESAS-R5F364A6NFA Datasheet
747Kb / 92P
This MCU consumes low power, and supports operating modes
R5F363A6NFA RENESAS-R5F363A6NFA_11 Datasheet
918Kb / 119P
This MCU consumes low power, and supports operating modes
R5F36CAMNFA RENESAS-R5F36CAMNFA_11 Datasheet
769Kb / 99P
This MCU consumes low power, and supports operating modes that allow additional
logo
Omron Electronics LLC
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
logo
Integrated Device Techn...
ICS83940DI IDT-ICS83940DI Datasheet
456Kb / 19P
Operating supply modes
8T49N281 IDT-8T49N281 Datasheet
1Mb / 63P
Operating modes: locked to input signal
logo
Microchip Technology
LAN89730 MICROCHIP-LAN89730 Datasheet
1Mb / 218P
Implements Reduced Power Operating Modes
07/14/15
MCP37211-200 MICROCHIP-MCP37211-200 Datasheet
2Mb / 142P
Power-Saving Modes
06/23/16
MCP37231 MICROCHIP-MCP37231 Datasheet
2Mb / 144P
Power-Saving Modes
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com