Electronic Components Datasheet Search
  English  ▼

X  

FX929B Datasheet(PDF) 5 Page - CML Microcircuits

Part # FX929B
Description  Flexible Operating Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929B Datasheet(HTML) 5 Page - CML Microcircuits

  FX929B Datasheet HTML 1Page - CML Microcircuits FX929B Datasheet HTML 2Page - CML Microcircuits FX929B Datasheet HTML 3Page - CML Microcircuits FX929B Datasheet HTML 4Page - CML Microcircuits FX929B Datasheet HTML 5Page - CML Microcircuits FX929B Datasheet HTML 6Page - CML Microcircuits FX929B Datasheet HTML 7Page - CML Microcircuits FX929B Datasheet HTML 8Page - CML Microcircuits FX929B Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
4-Level FSK Modem Data Pump
FX929B
© 1997 Consumer Microcircuits Limited
5
D/929B/1
Package
P4/D2/D5
Signal
Description
Pin No.
Name
Type
20
TXOP
O/P
The Tx signal output from the modem.
21
VBIAS
O/P
A bias line for the internal circuitry, held at
½ VDD. This pin must be decoupled to VSS by a
capacitor mounted close to the device pins.
22
RXIN
I/P
The input to the Rx input amplifier.
23
RXFB
O/P
The output of the Rx input amplifier and the
input to the Rx RRC filter.
24
VDD
Power
The positive supply rail. Levels and voltages are
dependent upon this supply. This pin should be
decoupled to VSS by a capacitor.
Notes: I/P
=
Input
O/P
=
Output
BI
=
Bidirectional
Internal protection diodes are connected from each signal pin to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com