Electronic Components Datasheet Search
  English  ▼

X  

FX929B Datasheet(PDF) 8 Page - CML Microcircuits

Part # FX929B
Description  Flexible Operating Modes
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929B Datasheet(HTML) 8 Page - CML Microcircuits

Back Button FX929B Datasheet HTML 4Page - CML Microcircuits FX929B Datasheet HTML 5Page - CML Microcircuits FX929B Datasheet HTML 6Page - CML Microcircuits FX929B Datasheet HTML 7Page - CML Microcircuits FX929B Datasheet HTML 8Page - CML Microcircuits FX929B Datasheet HTML 9Page - CML Microcircuits FX929B Datasheet HTML 10Page - CML Microcircuits FX929B Datasheet HTML 11Page - CML Microcircuits FX929B Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
4-Level FSK Modem Data Pump
FX929B
© 1997 Consumer Microcircuits Limited
8
D/929B/1
FEC Generator/Checker
In transmit mode, this circuit adds Forward Error Correction bits to the transmitted data, then converts the
resulting binary data to 4-level symbols. In receive mode, it translates received 4-level symbols to binary data,
using the FEC information to correct a large proportion of transmission errors.
Interleave/De-interleave Buffer
This circuit interleaves data symbols within a block before transmission and de-interleaves the received data
so that the FEC system is best able to handle short noise bursts or fades.
Frame Sync Detect
This circuit, which is only active in receive mode, is used to look for the 24-symbol Frame Synchronisation
pattern which is transmitted to mark the start of every frame.
Rx I/P Amp
This amplifier allows the received signal input to the modem to be set to the optimum level by suitable
selection of the external components R1 and R2. The value of R1 should be calculated to give 0.2 x V
DD pk-
pk at the RXFB pin for a received '...+3 +3 -3 -3 ...' sequence.
A capacitor may be fitted in series with R1 if ac coupling of the received signal is desired (see Section 1.6.4),
otherwise the dc level of the received signal should be adjusted so that the signal at the modem's RXFB pin is
centred around VBIAS (½ VDD).
RRC Low Pass Filter
This filter, which is used in both transmit and receive modes, is a linear-phase lowpass filter with a 'Root
Raised Cosine' frequency response defined by:
H(f)
= 1
for
0
<=
f < (1-b)/(2T)
= square root of {0.5 [1 - sin(
π T (f - 0.5/T)/b)]} for
(1-b)/(2T) <=
f <= (1+b)/(2T)
= 0
for
(1+b)/(2T) <
f
where b = 0.2, T = 1/symbol rate
In transmit mode, the 4-level symbols are passed through this filter to eliminate the high frequency
components which would otherwise cause interference into adjacent radio channels.
Figure 4 Generation of RRC Filtered 4-Level Tx Baseband Signal
The input applied to the RRC Tx filter may be impulses or full-width symbols depending on the setting of the
Command Register TXIMP bit, see section 1.5.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com