Electronic Components Datasheet Search
  English  ▼

X  

MAX867C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX867C/D
Description  3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX867C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX867C/D Datasheet HTML 1Page - Maxim Integrated Products MAX867C/D Datasheet HTML 2Page - Maxim Integrated Products MAX867C/D Datasheet HTML 3Page - Maxim Integrated Products MAX867C/D Datasheet HTML 4Page - Maxim Integrated Products MAX867C/D Datasheet HTML 5Page - Maxim Integrated Products MAX867C/D Datasheet HTML 6Page - Maxim Integrated Products MAX867C/D Datasheet HTML 7Page - Maxim Integrated Products MAX867C/D Datasheet HTML 8Page - Maxim Integrated Products MAX867C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX866 and MAX867 are ultra-small, high-efficiency,
CMOS, step-up, DC-DC switching regulators for 1-cell
battery-powered systems. The MAX866 accepts a posi-
tive input voltage between 0.8V and VOUT and converts it
to a higher, pin-selectable output voltage of 3.3V or 5V.
The MAX867 adjustable version accepts 0.8V to 6.0V
input voltages and generates a higher adjustable output
voltage in the 2.7V to 6.0V range. Typical efficiencies are
greater than 80%. Typical no-load supply current is
100µA (1µA in shutdown).
The MAX866/MAX867 combine ultra-low quiescent sup-
ply current and high efficiency to give maximum battery
life. Its high switching frequency permits the use of
small, low-cost inductors and capacitors. Additionally,
internal peak-current limiting protects the IC.
________________________Applications
Pagers
Remote Controls
Detectors
1-Cell Battery-Operated Equipment
Backup Supplies
____________________________Features
o 0.8V to 6.0V Input Supply Voltage
o 0.9V Guaranteed Start-Up Supply Voltage
o >80% Efficiency Over Wide Load Range
o 100µA No-Load Battery Current (VOUT = 3.3V)
o 1µA Shutdown Mode
o Up to 250kHz Switching Frequency
o ±1.5% Reference Tolerance
o Low-Battery Detector (LBI/LBO)
o Available in Ultra-Small 8-Pin µMAX Package
(1.11mm high)
o Circuit Fits in 0.2in2
______________Ordering Information
3.3V/5V or Adjustable-Output,
Single-Cell DC-DC Converters
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
LX
GND
OUT
LBI
LBO
REF
3/5
SHDN
MAX866
SO/µMAX
TOP VIEW
1
2
3
4
8
7
6
5
LX
GND
OUT
LBI
LBO
REF
FB
SHDN
MAX867
SO/µMAX
_________________Pin Configurations
MAX866
SHDN
3/5
REF
LX
GND
OUT
INPUT
0.8V TO VOUT
MBRS0520LTI
OR 1N5817
OUTPUT
5V OR 3.3V
LBO
47
µF
0.22
µF
330
µH
LOW-BATTERY
DETECTOR OUTPUT
ON/OFF
3V/5V SELECT
LBI
LOW-BATTERY
DETECTOR
INPUT
__________Typical Operating Circuit
19-0374; Rev 1; 5/96
PART
TEMP. RANGE
PIN-PACKAGE
MAX866C/D
0°C to +70°C
Dice*
MAX866ESA
-40°C to +85°C
8 SO
MAX867C/D
0°C to +70°C
Dice*
MAX867ESA
-40°C to +85°C
8 SO
* Dice are tested at TA = +25°C only.
EVALUATION
KIT
AVAILABLE
MAX866EUA
-40°C to +85°C
8 µMAX
MAX867EUA
-40°C to +85°C
8 µMAX
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800


Similar Part No. - MAX867C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8671X MAXIM-MAX8671X Datasheet
796Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
MAX8671X MAXIM-MAX8671X Datasheet
829Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
MAX8671XETL+ MAXIM-MAX8671XETL+ Datasheet
796Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
MAX8671XETL+ MAXIM-MAX8671XETL+ Datasheet
829Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
MAX8671X MAXIM-MAX8671X_08 Datasheet
829Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
More results

Similar Description - MAX867C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
logo
Fairchild Semiconductor
ILC6383 FAIRCHILD-ILC6383 Datasheet
480Kb / 15P
1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
logo
Maxim Integrated Produc...
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
logo
Bel Fuse Inc.
07LC-25T BEL-07LC-25T Datasheet
150Kb / 7P
ISOLATED DC/DC CONVERTERS 48V Input 3.3V/7A or 5V/5A or 12V/2.5A Output
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com