Electronic Components Datasheet Search
  English  ▼

X  

MAX867C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX867C/D
Description  3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX867C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX867C/D Datasheet HTML 1Page - Maxim Integrated Products MAX867C/D Datasheet HTML 2Page - Maxim Integrated Products MAX867C/D Datasheet HTML 3Page - Maxim Integrated Products MAX867C/D Datasheet HTML 4Page - Maxim Integrated Products MAX867C/D Datasheet HTML 5Page - Maxim Integrated Products MAX867C/D Datasheet HTML 6Page - Maxim Integrated Products MAX867C/D Datasheet HTML 7Page - Maxim Integrated Products MAX867C/D Datasheet HTML 8Page - Maxim Integrated Products MAX867C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3.3V/5V or Adjustable-Output,
Single-Cell DC-DC Converters
_______________________________________________________________________________________
3
100
0
10
0.01
0.1
1
10
100
1000
EFFICIENCY vs. LOAD CURRENT (VOUT = 3.3V)
30
20
LOAD CURRENT (mA)
40
50
60
70
80
90
TOP TO BOTTOM:
VIN = 2.0V
VIN = 1.5V
VIN = 1.25V
VIN = 1.0V
VIN = 0.75V
VIN = 0.5V
L = SUMIDA CD73-331 (330
µH, 1.5Ω)
100
90
0
0.01
1
0.1
10
100
EFFICIENCY vs. LOAD CURRENT (VOUT = 5.0V)
20
LOAD CURRENT (mA)
40
60
80
70
50
30
10
TOP TO BOTTOM:
VIN = 2.0V
VIN = 1.5V
VIN = 1.25V
VIN = 1.0V
VIN = 0.75V
L = COILCRAFT D01608-334 (330
µH, 2.9Ω)
100
90
0
0.01
1
0.1
10
100
EFFICIENCY vs. LOAD CURRENT (VOUT = 3.3V)
20
LOAD CURRENT (mA)
40
60
80
70
50
30
10
TOP TO BOTTOM:
VIN = 2.0V
VIN = 1.5V
VIN = 1.25V
VIN = 1.0V
VIN = 0.75V
L = COILCRAFT D01608-334 (330
µH, 2.9Ω)
100
0
10
0.01
0.1
1
10
100
1000
EFFICIENCY vs. LOAD CURRENT (VOUT = 5.0V)
30
20
LOAD CURRENT (mA)
40
50
60
70
80
90
TOP TO BOTTOM:
VIN = 2.0V
VIN = 1.5V
VIN = 1.25V
VIN = 1.0V
VIN = 0.75V
VIN = 0.5V
L = SUMIDA CD73-331 (330
µH, 1.5Ω)
1200
0
0
0.2
0.4
0.6
0.8 1.0
1.2
1.4 1.6
NO-LOAD BATTERY CURRENT
vs. BATTERY VOLTAGE (VOUT = 3.3V)
400
200
1000
BATTERY VOLTAGE (V)
800
600
DECREASING
BATTERY
VOLTAGE
INCREASING
BATTERY
VOLTAGE
4000
0
0
0.2
0.4
0.6
0.8 1.0
1.2
1.4 1.6
NO-LOAD BATTERY CURRENT
vs. BATTERY VOLTAGE (VOUT = 5V)
1000
500
3500
BATTERY VOLTAGE (V)
2000
2500
3000
1500
DECREASING
BATTERY
VOLTAGE
INCREASING
BATTERY
VOLTAGE
__________________________________________Typical Operating Characteristics
(Circuits of Figure 2, TA = +25°C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 2, VIN = 1.2V, ILOAD = 0mA, TA = +25°C, unless otherwise noted.)
Note 2: Output current specified with circuit of Figure 2 and CoilCraft D01608-334 inductor for test purposes only. More (or less)
output current can be supplied with other coil types depending on inductance value and coil resistance. See
Typical Operating
Characteristics for other coil types. Output voltage and output current are guaranteed over this VIN operating range once the
device has started up. Actual VIN start-up voltage depends on load current.
Note 3: Output voltage specifications over temperature are guaranteed by design to limits that are 6 sigma from either side of the mean.
Note 4: Current measured into OUT. VOUT is forced to 3.47V to maintain LX off when measuring device current.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S
—
H
—
D
—
N
–
, 3/
–
5
–
Input Voltage High
0.32 x VOUT
V
S
—
H
—
D
—
N
–
, 3/
–
5
–
, FB, LBI Input Current
LBI = 1.5V, FB = 1.5V,
–
S
—
H
—
D
—
N
–
= 0V or 3V, 3/
–
5
–
= 0V or 3V
±40
±100
nA
FB Voltage
MAX867, output in regulation
1.22
1.25
1.28
V
Output Voltage Range
MAX867
2.7
6.0
V
–
S
—
H
—
D
—
N
–
, 3/
–
5
–
Input Voltage Low
0.08 x VOUT
V
LBO Output Leakage Current
LBO = 5V
1
µA
LBI Input Hysteresis
25
mV
LBO Output Voltage Low
ISINK = 2mA, open-drain output
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com