Electronic Components Datasheet Search
  English  ▼

X  

MAX867C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX867C/D
Description  3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX867C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX867C/D Datasheet HTML 3Page - Maxim Integrated Products MAX867C/D Datasheet HTML 4Page - Maxim Integrated Products MAX867C/D Datasheet HTML 5Page - Maxim Integrated Products MAX867C/D Datasheet HTML 6Page - Maxim Integrated Products MAX867C/D Datasheet HTML 7Page - Maxim Integrated Products MAX867C/D Datasheet HTML 8Page - Maxim Integrated Products MAX867C/D Datasheet HTML 9Page - Maxim Integrated Products MAX867C/D Datasheet HTML 10Page - Maxim Integrated Products MAX867C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
_______________Detailed Description
Operating Principle
The MAX866/MAX867 combine a switch-mode regula-
tor, N-channel power MOSFET, precision voltage refer-
ence, and power-fail detector in a single monolithic
device. The MOSFET is a “sense-FET” type for best effi-
ciency, and has a very low gate threshold voltage to
ensure start-up with low battery voltages (0.8V typ).
PFM Control Scheme
The MAX866/MAX867 control scheme (Figure 1) com-
bines low-voltage efficiency (80% typ) with low battery
drain (100µA typ). There is no oscillator; switching is
accomplished by a pair of one shots that set a maxi-
mum LX on-time (4.5µs typ) and a minimum LX off-time
(1µs). LX on-time will be terminated early if the inductor
current reaches 0.5A before 4.5µs elapses. With the
standard application circuit (Figure 2a), LX current is
typically less than 50mA, so LX on-time is normally not
terminated by the 0.5A limit and lasts the complete
4.5µs. The LX on-resistance is typically 1
Ω to minimize
switch losses. The MAX866/MAX867 switching frequen-
cy depends on load, input voltage, and inductor value,
and it can range up to 250kHz with typical component
values.
3.3V/5V or Adjustable-Output,
Single-Cell DC-DC Converters
_______________________________________________________________________________________
7
MAX866/MAX867
SHDN
3/5*
LBO
LBI
N
LBI COMPARATOR
ERROR COMPARATOR
CURRENT-LIMIT
COMPARATOR
ONE-SHOT
TRIG
Q
Q
ONE-SHOT
TRIG
S
Q
R
F/F
MINIMUM
OFF-TIME
ONE-SHOT
VBATT
LX
N
GND
OUT
VOUT
**
FB**
**
*
*
REF
REFERENCE
MAXIMUM
ON-TIME
ONE-SHOT
*MAX866 ONLY
**MAX867 ONLY
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com