Electronic Components Datasheet Search
  English  ▼

X  

MAX867C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX867C/D
Description  3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX867C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX867C/D Datasheet HTML 4Page - Maxim Integrated Products MAX867C/D Datasheet HTML 5Page - Maxim Integrated Products MAX867C/D Datasheet HTML 6Page - Maxim Integrated Products MAX867C/D Datasheet HTML 7Page - Maxim Integrated Products MAX867C/D Datasheet HTML 8Page - Maxim Integrated Products MAX867C/D Datasheet HTML 9Page - Maxim Integrated Products MAX867C/D Datasheet HTML 10Page - Maxim Integrated Products MAX867C/D Datasheet HTML 11Page - Maxim Integrated Products MAX867C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
tolerate higher output ripple. Values in the 10µF to 47µF
range are recommended.
The equivalent series resistance (ESR) of both bypass
and filter capacitors affects efficiency and output ripple.
Use low-ESR capacitors for best performance, or con-
nect two or more filter capacitors in parallel. Low-ESR,
SMT tantalum capacitors are currently available from
Sprague (595D series) and AVX (TPS series). See
Table 1 for a list of suggested capacitor suppliers.
Rectifier Diode
For optimum performance, a switching Schottky diode
(such as the 1N5817 or MBR0520LTI) is recommended.
Refer to Table 1 for a list of component suppliers. For
low output power applications, a PN-junction switching
diode (such as the 1N4148) will also work well,
although its greater forward voltage drop will reduce
efficiency and raise the start-up voltage.
PC Layout and Grounding
The circuit’s high-frequency operation makes PC layout
important for minimizing ground bounce and noise.
Keep the IC’s GND pin and the ground leads of C1 and
C2 (Figure 2) less than 0.2in (5mm) apart. Also keep all
connections to the FB and LX pins as short as possible.
To maximize output power and efficiency and minimize
output ripple voltage, use a ground plane and solder
the IC’s GND (pin 7) directly to the ground plane.
3.3V/5V or Adjustable-Output,
Single-Cell DC-DC Converters
______________________________________________________________________________________
11
Table 2. Surface-Mount Inductor Information
MANUFACTURER /PART
INDUCTANCE
(
mH)
RESISTANCE
(
W)
RATED CURRENT
(A)
HEIGHT
(mm)
Sumida CD73-331
330
1.5
0.28
3.5
Sumida CD104-331
330
1.1
0.42
4
Murata-Erie LQH4N331K04M00**
330
8.2
0.095
2.6
TDK NLC565050T-331K**
330
4.9
0.14
5
Coilcraft D01608-334
330
2.9
0.16
3.2
Coilcraft DT1608-334
330*
2.9
0.16
3.2
Coilcraft D03316-334
330
0.7
0.6
5.4
Coilcraft DT3316-334
330*
0.7
0.6
5.4
J.W. Miller PM105-331K
330
1.1
0.52
5.4
* Shielded
** Low cost
___________________Chip Topography
TRANSISTOR COUNT: 357;
SUBSTRATE IS CONNECTED TO OUT.
GND
LBI
OUT
3/5
OR FB*
REF
LX
0.084"
(2.1336mm)
0.058"
(1.4732mm)
SHDN
LBO
*3/5 FOR MAX866; FB FOR MAX867.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com