Electronic Components Datasheet Search
  English  ▼

X  

MAX867C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX867C/D
Description  3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX867C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX867C/D Datasheet HTML 4Page - Maxim Integrated Products MAX867C/D Datasheet HTML 5Page - Maxim Integrated Products MAX867C/D Datasheet HTML 6Page - Maxim Integrated Products MAX867C/D Datasheet HTML 7Page - Maxim Integrated Products MAX867C/D Datasheet HTML 8Page - Maxim Integrated Products MAX867C/D Datasheet HTML 9Page - Maxim Integrated Products MAX867C/D Datasheet HTML 10Page - Maxim Integrated Products MAX867C/D Datasheet HTML 11Page - Maxim Integrated Products MAX867C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
3.3V/5V or Adjustable-Output,
Single-Cell DC-DC Converters
________________________________________________________Package Information
L
α
C
A1
B
DIM
A
A1
B
C
D
E
e
H
L
α
MIN
0.036
0.004
0.010
0.005
0.116
0.116
0.188
0.016
0°
MAX
0.044
0.008
0.014
0.007
0.120
0.120
0.198
0.026
6°
MIN
0.91
0.10
0.25
0.13
2.95
2.95
4.78
0.41
0°
MAX
1.11
0.20
0.36
0.18
3.05
3.05
5.03
0.66
6°
INCHES
MILLIMETERS
8-PIN
µMAX
MICROMAX SMALL OUTLINE
PACKAGE
0.65
0.0256
A
e
E
H
D
0.101mm
0.004 in
DIM
A
A1
B
C
E
e
H
L
MIN
0.053
0.004
0.014
0.007
0.150
0.228
0.016
MAX
0.069
0.010
0.019
0.010
0.157
0.244
0.050
MIN
1.35
0.10
0.35
0.19
3.80
5.80
0.40
MAX
1.75
0.25
0.49
0.25
4.00
6.20
1.27
INCHES
MILLIMETERS
21-0041A
Narrow SO
SMALL-OUTLINE
PACKAGE
(0.150 in.)
DIM
D
D
D
MIN
0.189
0.337
0.386
MAX
0.197
0.344
0.394
MIN
4.80
8.55
9.80
MAX
5.00
8.75
10.00
INCHES
MILLIMETERS
PINS
8
14
16
1.27
0.050
L
0°-8°
H
E
D
e
A
A1
C
0.101mm
0.004in.
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com