Electronic Components Datasheet Search
  English  ▼

X  

MAX867C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX867C/D
Description  3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX867C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX867C/D Datasheet HTML 1Page - Maxim Integrated Products MAX867C/D Datasheet HTML 2Page - Maxim Integrated Products MAX867C/D Datasheet HTML 3Page - Maxim Integrated Products MAX867C/D Datasheet HTML 4Page - Maxim Integrated Products MAX867C/D Datasheet HTML 5Page - Maxim Integrated Products MAX867C/D Datasheet HTML 6Page - Maxim Integrated Products MAX867C/D Datasheet HTML 7Page - Maxim Integrated Products MAX867C/D Datasheet HTML 8Page - Maxim Integrated Products MAX867C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3.3V/5V or Adjustable-Output,
Single-Cell DC-DC Converters
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(Circuits of Figure 2, TA = +25°C, unless otherwise noted.)
1.5
1.4
1.3
1.2
1.1
1.0
0.8
0.5
0.1
1
100
START-UP INPUT VOLTAGE vs. LOAD CURRENT
(VOUT = 3.3V)
0.7
0.6
0.9
LOAD CURRENT (mA)
10
100µH
47µH
220µH
330µH
1mH
1.5
1.4
1.3
1.2
1.1
1.0
0.8
0.5
0.1
1
100
START-UP INPUT VOLTAGE vs. LOAD CURRENT
(VOUT = 5V)
0.7
0.6
0.9
LOAD CURRENT (mA)
10
100µH
47µH
220µH
330µH
1
10
1000
INPUT VOLTAGE vs. LOAD CURRENT
(VOUT = 3.3V)
LOAD CURRENT (mA)
100
100µH
47µH
22µH
330µH
1mH
3.0
2.5
1.5
0
1.0
0.5
2.0
1
10
1000
INPUT VOLTAGE vs. LOAD CURRENT
(VOUT = 5V)
LOAD CURRENT (mA)
3.0
2.5
1.5
0
1.0
0.5
2.0
100
22µH
330µH
47µH
100µH
A: 3.3V OUTPUT VOLTAGE, AC COUPLED 20mV/div
B: INPUT VOLTAGE (0.9V AND 1.4V) 500mV/div
ILOAD = 10mA, COUT = 47µF
MAX866 LINE-TRANSIENT RESPONSE
(3.3V MODE)
1ms/div
A
B
5
0
REFERENCE VOLTAGE
vs. REFERENCE CURRENT
6
10
REFERENCE LOAD CURRENT (
µA)
8
7
100
200
9
50
150
250
4
3
2
1
0
A: 5.0V OUTPUT VOLTAGE, AC COUPLED 20mV/div
B: INPUT VOLTAGE (0.9V AND 1.4V) 500mV/div
ILOAD = 10mA, COUT = 47µF
MAX866 LINE-TRANSIENT RESPONSE
(5V MODE)
1ms/div
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com