Electronic Components Datasheet Search
  English  ▼

X  

LMP92018 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMP92018
Description  LMP92018 Analog System Monitor and Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP92018 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMP92018 Datasheet HTML 10Page - Texas Instruments LMP92018 Datasheet HTML 11Page - Texas Instruments LMP92018 Datasheet HTML 12Page - Texas Instruments LMP92018 Datasheet HTML 13Page - Texas Instruments LMP92018 Datasheet HTML 14Page - Texas Instruments LMP92018 Datasheet HTML 15Page - Texas Instruments LMP92018 Datasheet HTML 16Page - Texas Instruments LMP92018 Datasheet HTML 17Page - Texas Instruments LMP92018 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
LMP92018
SNAS514B – NOVEMBER 2011 – REVISED MAY 2013
www.ti.com
DAC CONFIGURE
The individual DACs can be enabled by setting a corresponding bit in the 4–bit CDAC word. The CDAC word can
be set and tested via the SPI transactions shown in the following table. The DAC block is described in
PROGRAMMABLE ANALOG OUTPUT SUBSYSTEM.
FRAME 1: DIN
FRAME 2: DOUT
Command
Payload
Command
Payload
Bit
→
23
22:16
15:4
3:0
23
22:16
15:4
3:0
READ
1
0011000
x
x
1
0011000
000000000000
CDAC
WRITE
0
0011000
000000000000
CDAC
0
0011000
000000000000
0000
x
Don't care
1: enables DAC corresponding to bit position
CDAC
0: disables corresponding DAC
e.g. CDAC=[0101] enables DAC2 and DAC0
UPDATE ALL DACs
All 4 DAC channels' outputs can be simultaneously set to the same level corresponding to a 10–bit DDATA code.
The sequence in the following table provides a WRITE only functionality. The DAC block is described in
PROGRAMMABLE ANALOG OUTPUT SUBSYSTEM.
FRAME 1: DIN
FRAME 2: DOUT
Command
Payload
Command
Payload
Bit
→
23
22:16
15:12
11:2
1:0
23
22:16
15:12
11:2
1:0
WRITE
0
0011001
0000
DDATA
00
0
0011001
0000
0000000000
00
x
Don't care
DDATA
DDATA will be loaded into all all DACs' input registers simultaneously. DDATA is a 10–bit unsigned integer.
GENERAL CONFIGURATION
The device can indicate to the new ADC conversion data availability via the DRDYB pin. This functionality is
enabled by setting the internal DRDY bit. The bit can be set and tested via the SPI transactions shown in the
following table. Details of the DRDYB pin functionality are described in Conversion Sequence and DIGITAL
TEMPERATURE SENSOR
FRAME 1: DIN
FRAME 2: DOUT
Command
Payload
Command
Payload
Bit
→
23
22:16
15:1
0
23
22:16
15:1
0
READ
1
0011110
x
x
1
0011110
000000000000000
DRDY
WRITE
0
0011110
000000000000000
DRDY
0
0011110
000000000000000
0
x
Don't Care
1: Disables the DRDYB pin function
DRDY
0: Enables the DRDYB pin function
GPIO CONFIGURE
Individual bits of the general purpose digital I/O port can be configured to drive (output), or sense (input) only.
Setting a corresponding bit in the 12–bit CGPIO word will enable that pin to drive. The sequences in the following
table provide a READ and WRITE capability for the internal CGPIO register. The GPIO block is described in
GENERAL PURPOSE DIGITAL I/O.
14
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP92018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com