Electronic Components Datasheet Search
  English  ▼

X  

LMP92018 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LMP92018
Description  LMP92018 Analog System Monitor and Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP92018 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMP92018 Datasheet HTML 19Page - Texas Instruments LMP92018 Datasheet HTML 20Page - Texas Instruments LMP92018 Datasheet HTML 21Page - Texas Instruments LMP92018 Datasheet HTML 22Page - Texas Instruments LMP92018 Datasheet HTML 23Page - Texas Instruments LMP92018 Datasheet HTML 24Page - Texas Instruments LMP92018 Datasheet HTML 25Page - Texas Instruments LMP92018 Datasheet HTML 26Page - Texas Instruments LMP92018 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Reference
AREF
DREF
A
B
C
D
E
SPI Control Word
Device Pin
REF
CREF
LMP92018
www.ti.com
SNAS514B – NOVEMBER 2011 – REVISED MAY 2013
Figure 21. Reference Selector Diagram
Table 2. Reference Selector Functionality
(1 to CLOSE Switch)
Switch
CREF
A
B
C
D
E
000
1
0
0
0
1
001
0
0
0
1
1
010
1
1
0
0
0
011
0
1
0
1
0
100
0
0
0
0
0
101
0
0
1
1
1
110
0
0
0
0
0
111
0
0
0
0
0
GENERAL PURPOSE DIGITAL I/O
The GPIO[11:0] port is memory mapped to registers SGPI and CGPO. Both registers are accessible through the
SPI interface.
The SGPI register content reflects at all times the digital state at the GPIOx device pins. The format of the read
command of the General Purpose Digital I/O is shown in GPI STATE.
The GPIOx pins can be configured as outputs by setting the individual bits in the CGPIO registers. Each bit in
CGPIO register enables corresponding output buffer in the GPIOx port. See GPIO CONFIGURE. Once the drive
is enabled, the logic state at the outputs is dictated by the contents of the CGPO register. See GPO DATA.
The functional diagram of the General Purpose Digital I/O is shown in Figure 22.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMP92018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com