Electronic Components Datasheet Search
  English  ▼

X  

LMP92018 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMP92018
Description  LMP92018 Analog System Monitor and Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP92018 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMP92018 Datasheet HTML 14Page - Texas Instruments LMP92018 Datasheet HTML 15Page - Texas Instruments LMP92018 Datasheet HTML 16Page - Texas Instruments LMP92018 Datasheet HTML 17Page - Texas Instruments LMP92018 Datasheet HTML 18Page - Texas Instruments LMP92018 Datasheet HTML 19Page - Texas Instruments LMP92018 Datasheet HTML 20Page - Texas Instruments LMP92018 Datasheet HTML 21Page - Texas Instruments LMP92018 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
VDD/2
CHOLD
Device Pin
+
-
ROUT< 4k
Voltage
Source
INx
Sampling
Switch
ADATA = INT
VINX
AREF
x 1023
(
)
LMP92018
SNAS514B – NOVEMBER 2011 – REVISED MAY 2013
www.ti.com
FUNCTIONAL DESCRIPTION
ANALOG SENSE SUBSYSTEM
The device is capable of monitoring up to 8 externally applied voltages. The system is centered around a 10-bit
SAR ADC fronted by an 8-input mux.
Sampling and Conversion
The external voltage is sampled onto the internal CHOLD capacitor during the TRACK period, see Figure 13. Once
acquired, the stored charge is measured using the Successive Approximation Register (SAR) method. The timing
of the internal state machine is governed by the user defined signals CSB and SCLK. The sequence of the
events is described in Conversion Sequence.
Attention should be paid to the output impedance of the sensed voltage source and the capacitance present at
the INx input of the device (which is dominated by CHOLD during TRACK time). The combined circuit's RC limits
the bandwidth and settling time of the input signal. At maximum SPI bus data rate, it is recommended to limit the
output resistance ROUT of the signal source to assure the accuracy of the conversion.
During the HOLD period (duration of t HOLD specified in Electrical Characteristics ) , all mux switches are OFF,
and the charge captured on CHOLD is measured to produce an ADC output code. This charge is never lost during
the conversion, unless the SCLK is so slow that the charge is lost due to the internal capacitor's leakage. Under
normal conditions the charge stored is modified only during TRACK period.
Below is a typical ADC output code as a function of input voltage at device pin INx, x=0...7:
(1)
In the expression above AREF is the reference voltage input to the internal ADC. See INTERNAL VOLTAGE
REFERENCE SOURCE.
Figure 13. ADC During TRACK Period
Sampling Transient
As noted in Sampling and Conversion the charge acquired during TRACK period is maintained throughout the
conversion process. Since the successive sample operations will involve different input potentials an
instantaneous current will flow at the beginning of TRACK period. This always leads to temporary disturbance of
the input potential. This current, and resulting disturbance, will vary with the magnitude of the sampled signal and
source impedance ROUT, see Figure 13. If ROUT is excessive, and resulting RC time constant of the input
circuit too long, the preceding sample may affect the new sample's accuracy.
If high ROUT cannot be avoided, another method of improving the acquisitin accuracy is to lengthen the TRACK
time. The ADC TRACK time is fully controlled by the user inputs CSB and SCLK, see Figure 14. The time
allotted for the CHOLD to settle can be arbitrarily adjusted via the length of the CSB=High period and the
frequency of SCLK, subject to limitations on CSB and SCLK timing as shown in Electrical Characteristics .
18
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP92018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com