Electronic Components Datasheet Search
  English  ▼

X  

LMP92018 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LMP92018
Description  LMP92018 Analog System Monitor and Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP92018 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMP92018 Datasheet HTML 18Page - Texas Instruments LMP92018 Datasheet HTML 19Page - Texas Instruments LMP92018 Datasheet HTML 20Page - Texas Instruments LMP92018 Datasheet HTML 21Page - Texas Instruments LMP92018 Datasheet HTML 22Page - Texas Instruments LMP92018 Datasheet HTML 23Page - Texas Instruments LMP92018 Datasheet HTML 24Page - Texas Instruments LMP92018 Datasheet HTML 25Page - Texas Instruments LMP92018 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
1
24
READ TS COMMAND
CSB
SCLK
DRDYB
arb.
DIN
8
arbitrary activity
arb.
arbitrary activity
1
12
TDATA
tCONV
DOUT
24
arb.
LMP92018
SNAS514B – NOVEMBER 2011 – REVISED MAY 2013
www.ti.com
Table 1. Temperature Readout Examples
Temperature
TDATA
125°C
0111.1101.0000
25°C
0001.1001.0000
0.0625°C
0000.0000.0001
0°C
0000.0000.0000
−0.0625°C
1111.1111.1111
−40°C
1101.1000.0000
In Continuous mode, the temperature sensor operates in the background and independently of the SPI bus
activity. Subsequent temperature conversion results are stored in the output register which can be accessed by
the user via the SPI interface.
In One-Shot mode temperature sensor is inactive until the user issues an instruction, via SPI interface, to read
the temperature sensor data. The temperature conversion commences at the rising edge of CSB following the
read instruction. After the delay of tCONV, the new temperature data is available in the temperature sensor output
register. If configured, the DRDYB output indicates when the temperature conversion has been completed, see
Figure 20.
The SPI instruction for accessing the temperature data is described in TEMPERATURE SENSOR OUTPUT
REGISTER
In Figure 20 below a One-Shot temperature read transaction is shown. The temperature readback occupies 2
SPI frames: the first frame is used to issue temperature sensor read instruction, the second frame is used for the
data readback. The falling edge of the DRDYB signal indicates the instance the new temperature data is present
in the output register. The DRDYB is deasserted by the rising edge of the CSB.
NOTE: The DRDYB output in One-Shot temperature conversion mode is asynchronous to the SCLK of
the SPI interface. DRDYB functionality is not provided in the Continuous mode of the temperature sensor
operation.
Figure 20. One-Shot Temperature Read Sequence
INTERNAL VOLTAGE REFERENCE SOURCE
The device has a built in precision 2.5V reference block which can be used to provide reference potential to
either the ADC (AREF) or the DACs (DREF), both at once, or to external load via REF pin. The precision
reference is always isolated from its loads by individual buffers, see Figure 21.
The CREF register sets the reference block mode of operation. The SPI instruction to update or read contents of
the CREF register is shown in REFERENCE CONFIGURE. The switch activity due to the CREF content is
tabulated in Table 2.
The modes corresponding to CREF=(100) or (110) or (111) are the Deep Sleep modes. In these modes the
internal temperature sensor, the ADC, the DACs, and the reference block buffers (but not the 2.5V reference) are
powered down.
22
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP92018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com