Electronic Components Datasheet Search
  English  ▼

X  

LMP92018 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LMP92018
Description  LMP92018 Analog System Monitor and Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP92018 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMP92018 Datasheet HTML 15Page - Texas Instruments LMP92018 Datasheet HTML 16Page - Texas Instruments LMP92018 Datasheet HTML 17Page - Texas Instruments LMP92018 Datasheet HTML 18Page - Texas Instruments LMP92018 Datasheet HTML 19Page - Texas Instruments LMP92018 Datasheet HTML 20Page - Texas Instruments LMP92018 Datasheet HTML 21Page - Texas Instruments LMP92018 Datasheet HTML 22Page - Texas Instruments LMP92018 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
VDD/2
15 pF
Device Pin
Sampling
Switch
15 pF
INx
READ IN0
dummy payload
COMMAND
PAYLOAD
CSB
DIN
DOUT
Echo Previous
previous DATA IF ANY
READ IN0
ADATA
1
9
TRACK
HOLD
12
PD
CSB
SCLK
DRDYB
Frame 1
Frame 2
LMP92018
www.ti.com
SNAS514B – NOVEMBER 2011 – REVISED MAY 2013
Conversion Sequence
The ADC conversion sequence and output activity are shown in Figure 14. The ADC readback occupies 2 SPI
frames. The first frame is used to issue a read command and connect the ADC input to the specified device input
pin INx. At the end of the first frame, at the rising edge of the CSB, the ADC sampling capacitor is connected to
the signal source, INx, and the TRACK period begins. The second frame executes the SAR algorithm (the HOLD
period) on the acquired sample and shifts the resulting data out through the DOUT output. The TRACK period
extends for 9 SCLK cycles, then the mux disconnects the sampling capacitor from the signal source, and the
SAR operation begins. The data is shifted out MSB first. Once the SAR operation is completed, the ADC powers
down for the remainder of the second frame.
If DRDYB output pin functionality is enabled, see GENERAL CONFIGURATION, then DRDYB output will be low
while ADC output data is present at DOUT.
If the ADC is not in TRACK or HOLD, the internal PD (Power Down) signal of the ADC is asserted thus powering
down all the active circuits of the ADC, and opening all analog input mux switches. See the PD period in the
Figure 14.
Figure 14. ADC Sequence Diagram
ADC Reference Selection
By default, the ADC operates from the external reference voltage applied at the REF pin of the device. It should
be noted that due to the architecture of the ADC the DC current flowing into the REF input is zero during
conversion. However, the transient currents ( see IVREF in Electrical Characteristics ) during the HOLD time can
be significant. For further details of reference source selection see INTERNAL VOLTAGE REFERENCE
SOURCE
Selection of the ADC reference source automatically dictates the attenuation level of the input signal. Figure 15
shows the ADC input configuration during the TRACK period when the REF pin is chosen as the source of the
reference voltage. The entire CHOLD available is used to acquire the signal. The transfer function of the ADC in
this configuration remains as shown in Sampling and Conversion
Figure 15. ADC Sampling when AREF is Externally Supplied
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMP92018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com