Electronic Components Datasheet Search
  English  ▼

X  

LMP92018 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP92018
Description  LMP92018 Analog System Monitor and Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP92018 Datasheet(HTML) 3 Page - Texas Instruments

  LMP92018 Datasheet HTML 1Page - Texas Instruments LMP92018 Datasheet HTML 2Page - Texas Instruments LMP92018 Datasheet HTML 3Page - Texas Instruments LMP92018 Datasheet HTML 4Page - Texas Instruments LMP92018 Datasheet HTML 5Page - Texas Instruments LMP92018 Datasheet HTML 6Page - Texas Instruments LMP92018 Datasheet HTML 7Page - Texas Instruments LMP92018 Datasheet HTML 8Page - Texas Instruments LMP92018 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Multiplexer
LMP92018
8
Temp. Sensor
Int/Ext
Ref
4
SPI
Interface
12
GPIO
REF
GPIO[11:0]
CSB
SCLK
DIN
DOUT
OUT3
OUT0
IN[7:0]
DRDYB
VGPIO
VIO
VDD
GND
LMP92018
www.ti.com
SNAS514B – NOVEMBER 2011 – REVISED MAY 2013
Overview
The LMP92018 has a flexible, feature-rich functionality which makes it ideally suited for many analog monitoring
and control applications, for example, base-station PA subsystems. This device provides the analog interface
between a programmable supervisor, such as a microcontroller, and an analog system whose behavior is to be
monitored and controlled by the supervisor.
To facilitate the analog monitoring functionality, the device contains a single 10-bit ADC preceded by a 8-input
multiplexor.
The analog control functionality is served by four 10-bit voltage output DACs.
Additional digital monitoring and control can be realized via the General Purpose I/O port GPIO[11:0].
Two more blocks are present for added functionality: a local temperature sensor and an internal reference
voltage generator.
8-CHANNEL ANALOG SENSE WITH 10-BIT ADC
The user can monitor up to 8 external voltages with the 10-bit ADC and its 8-channel input MUX. Typically these
voltages will be generated by the analog sensors, instrumentation amplifiers, current sense amplifiers, or simply
resistive dividers if high potentials need to be measured.
PROGRAMMABLE ANALOG CONTROL VOLTAGE OUTPUTS
Four identical individually programmable 10-bit DAC blocks are available to generate analog voltages, which can
be used to control bias conditions of external circuits, position of servos, etc.
INTERNAL DIGITAL TEMPERATURE SENSOR
An on-board digital temperature sensor is available to report the device's own temperature. The temperature
sensor output is stored in the internal register for user readback via the SPI interface.
INTERNAL VOLTAGE REFERENCE SOURCE
The user can choose to enable the internal reference of 2.5V to use with the ADC and/or DACs. The internal
reference source can also drive an external load.
12-BIT GENERAL PURPOSE I/O
The GPIO port can be used to expand the microcontroller capabilities. This port is memory mapped to the
internal register, which in turn is accessible via the SPI interface. Each bit is individually programmable as an
input or an output
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP92018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com