Electronic Components Datasheet Search
  English  ▼

X  

SA605 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA605
Description  High performance low power mixer FM IF system
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA605 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA605 Datasheet HTML 3Page - NXP Semiconductors SA605 Datasheet HTML 4Page - NXP Semiconductors SA605 Datasheet HTML 5Page - NXP Semiconductors SA605 Datasheet HTML 6Page - NXP Semiconductors SA605 Datasheet HTML 7Page - NXP Semiconductors SA605 Datasheet HTML 8Page - NXP Semiconductors SA605 Datasheet HTML 9Page - NXP Semiconductors SA605 Datasheet HTML 10Page - NXP Semiconductors SA605 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
SA605
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 14 November 2014
7 of 25
NXP Semiconductors
SA605
High performance low power mixer FM IF system
10. Dynamic characteristics
Table 7.
Dynamic characteristics
Tamb =25 C; VCC = +6 V; unless specified otherwise. RF frequency = 45 MHz + 14.5 dBV RF input step-up.
IF frequency = 455 kHz; R17 = 5.1 k
; RF level = 45 dBm; FM modulation = 1 kHz with 8 kHz peak deviation.
Audio output with C-message weighted filter and de-emphasis capacitor. Test circuit Figure 7. The parameters listed below
are tested using automatic test equipment to assure consistent electrical characteristics. The limits do not represent the
ultimate performance limits of the device. Use of an optimized RF layout improves many of the listed parameters.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Mixer/oscillator section (external LO = 300 mV)
fi
input frequency
-
500
-
MHz
fosc
oscillator frequency
-
150
-
MHz
NF
noise figure
at 45 MHz
-
5.0
-
dB
IP3i
input third-order intercept point
FL1 = 45.0 MHz; FL2 = 45.06 MHz
-
10
-
dBm
Gp(conv)
conversion power gain
matched 14.5 dBV step-up
10
13
15
dB
50
 source
-
1.7
-
dB
Ri(RF)
RF input resistance
single-ended input
3.0
4.7
-
k
Ci(RF)
RF input capacitance
-
3.5
4.0
pF
Ro(mix)
mixer output resistance
MIXER_OUT pin
1.25
1.5
-
k
IF section
Gamp(IF)
IF amplifier gain
50
 source
-
39.7
-
dB
Glim
limiter gain
50
 source
-
62.5
-
dB
Pi(IF)
IF input power
for
3 dB input limiting sensitivity;
R17=5.1k
; test at IF_AMP_IN pin
-
113
-
dBm
AM
AM rejection
80 % AM 1 kHz
29
34
43
dB
audio level
RMS value; R10 = 100 k
;
15 nF de-emphasis
80
150
260
mV
unmuted audio level
R11 = 100 k
; 150 pF de-emphasis
-
480
-
mV
SINAD
signal-to-noise-and-distortion ratio
RF level
118 dB
-
16
-
dB
THD
total harmonic distortion
34
42
-
dB
S/N
signal-to-noise ratio
no modulation for noise
-
73
-
dB
Vo(RSSI)
RSSI output voltage
IF; R9 = 100 k
[1]
IF level =
118 dBm
0
160
650
mV
IF level =
68 dBm
1.9
2.5
3.1
V
IF level =
18 dBm
4.0
4.8
5.6
V
RSSI(range)
RSSI range
R9 = 100 k
; IF_AMP_OUT pin
-
90
-
dB

RSSI
RSSI variation
R9 = 100 k
; IF_AMP_OUT pin
-
1.5
-
dB
Zi(IF)
IF input impedance
1.40
1.6
-
k
Zo(IF)
IF output impedance
0.85
1.0
-
k
Zi(lim)
limiter input impedance
1.40
1.6
-
k
Ro
output resistance
unmuted audio
-
58
-
k
muted audio
-
58
-
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com