Electronic Components Datasheet Search
  English  ▼

X  

SA605 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SA605
Description  High performance low power mixer FM IF system
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA605 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SA605 Datasheet HTML 17Page - NXP Semiconductors SA605 Datasheet HTML 18Page - NXP Semiconductors SA605 Datasheet HTML 19Page - NXP Semiconductors SA605 Datasheet HTML 20Page - NXP Semiconductors SA605 Datasheet HTML 21Page - NXP Semiconductors SA605 Datasheet HTML 22Page - NXP Semiconductors SA605 Datasheet HTML 23Page - NXP Semiconductors SA605 Datasheet HTML 24Page - NXP Semiconductors SA605 Datasheet HTML 25Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
SA605
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 14 November 2014
22 of 25
NXP Semiconductors
SA605
High performance low power mixer FM IF system
16. Abbreviations
17. Revision history
Table 12.
Abbreviations
Acronym
Description
AM
Amplitude Modulation
AMPS
Advanced Mobile Phone System
ASK
Amplitude Shift Keying
CMOS
Complementary Metal-Oxide Semiconductor
ESD
ElectroStatic Discharge
ESR
Equivalent Series Resistor
FM
Frequency Modulation
FSK
Frequency Shift Keying
IF
Intermediate Frequency
L/C
inductor-capacitor filter
RF
Radio Frequency
RSSI
Received Signal Strength Indicator
SCA
Subsidiary Communications Authorization
SINAD
Signal-to-Noise-And-Distortion ratio
TACS
Total Access Communication System
THD
Total Harmonic Distortion
UHF
Ultra High Frequency
TTL
Transistor-Transistor Logic
VHF
Very High Frequency
Table 13.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
SA605 v.5
20141114
Product data sheet
-
SA605 v.4
Modifications:
• Table 8 “SA605 application component list” updated
• Figure 4 “SA605 45 MHz application circuit” updated
SA605 v.4
20140801
Product data sheet
-
SA605 v.3
SA605 v.3
20140501
Product data sheet
-
SA605 v.2
SA605 v.2
19971107
Product specification
ECN 853-1401 18663
SA605 v.1
SA605 v.1
19921103
Product specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com