Electronic Components Datasheet Search
  English  ▼

X  

SA605 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA605
Description  High performance low power mixer FM IF system
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA605 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA605 Datasheet HTML 1Page - NXP Semiconductors SA605 Datasheet HTML 2Page - NXP Semiconductors SA605 Datasheet HTML 3Page - NXP Semiconductors SA605 Datasheet HTML 4Page - NXP Semiconductors SA605 Datasheet HTML 5Page - NXP Semiconductors SA605 Datasheet HTML 6Page - NXP Semiconductors SA605 Datasheet HTML 7Page - NXP Semiconductors SA605 Datasheet HTML 8Page - NXP Semiconductors SA605 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
SA605
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 14 November 2014
2 of 25
NXP Semiconductors
SA605
High performance low power mixer FM IF system
3.
Applications
Cellular radio FM IF
High performance communications receivers
Single conversion VHF/UHF receivers
SCA receivers
RF level meter
Spectrum analyzer
Instrumentation
FSK and ASK data receivers
Log amps
Wideband low current amplification
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Topside
marking
Package
Name
Description
Version
SA605D/01
SA605D
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
SA605DK/01
SA605DK
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order
quantity
Temperature
SA605D/01
SA605D/01,112
SO20
Standard marking
* IC’s tube - DSC bulk pack
1520
Tamb = 40 C to +85 C
SA605D/01,118
SO20
Reel 13” Q1/T1
*Standard mark SMD
2000
Tamb = 40 C to +85 C
SA605DK/01
SA605DK/01,112
SSOP20
Standard marking
* IC’s tube - DSC bulk pack
1350
Tamb = 40 C to +85 C
SA605DK/01,118
SSOP20
Reel 13” Q1/T1
*Standard mark SMD
2500
Tamb = 40 C to +85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com