Electronic Components Datasheet Search
  English  ▼

X  

SA605 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA605
Description  High performance low power mixer FM IF system
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA605 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA605 Datasheet HTML 7Page - NXP Semiconductors SA605 Datasheet HTML 8Page - NXP Semiconductors SA605 Datasheet HTML 9Page - NXP Semiconductors SA605 Datasheet HTML 10Page - NXP Semiconductors SA605 Datasheet HTML 11Page - NXP Semiconductors SA605 Datasheet HTML 12Page - NXP Semiconductors SA605 Datasheet HTML 13Page - NXP Semiconductors SA605 Datasheet HTML 14Page - NXP Semiconductors SA605 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
SA605
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 14 November 2014
11 of 25
NXP Semiconductors
SA605
High performance low power mixer FM IF system
(1) The C-message filter has a peak gain of 100 dB for accurate measurements. Without the gain, the
measurements may be affected by the noise of the scope and HP339 analyzer.
(2) Set your RF generator at 45.000 MHz, use a 1 kHz modulation frequency and a 6 kHz deviation if
you use 16 kHz filters, or 8 kHz if you use 30 kHz filters.
(3) The smallest RSSI voltage (that is, when no RF input is present and the input is terminated) is a
measure of the quality of the layout and design. If the lowest RSSI voltage is 250 mV or higher, it
means that the receiver is in regenerative mode. In that case, the receiver sensitivity is worse than
expected.
(4) The measured typical sensitivity for 12 dB SINAD should be 0.22
V or 120 dBm at the RF input.
Fig 5.
SA605 application circuit test setup
Audio out:
C message weighted
0 dB reference = recovered audio for 8 kHz peak deviation (dB)
Fig 6.
Performance of the SA605 application board at 25
C
SCOPE
SA605 DEMOBOARD
aaa-012958
RF GENERATOR(1)
45 MHz
VCC (+6 V)
DC VOLTMETER
HP339A DISTORTION
ANALYZER(4)
C-MESSAGE(3)
RSSI(2)
AUDIO
DATA
AUDIO REF = 174 mV (RMS value)
RSSI (V)
THD + NOISE
NOISE
AM (80 % MOD)
aaa-012967
−130
−80
2
3
4
−60
−40
−20
(dB)
NOISE
AM (80 % MOD)
THD + NOISE
RSSI
(V)
−110
−70
−50
−30
−10
RF input level (dBm)
0
−100
20
0
1
5
6
−90
10
20
RF = 45 MHz
IF = 455 kHz
VCC = 6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com