Electronic Components Datasheet Search
  English  ▼

X  

SA605 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SA605
Description  High performance low power mixer FM IF system
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA605 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SA605 Datasheet HTML 10Page - NXP Semiconductors SA605 Datasheet HTML 11Page - NXP Semiconductors SA605 Datasheet HTML 12Page - NXP Semiconductors SA605 Datasheet HTML 13Page - NXP Semiconductors SA605 Datasheet HTML 14Page - NXP Semiconductors SA605 Datasheet HTML 15Page - NXP Semiconductors SA605 Datasheet HTML 16Page - NXP Semiconductors SA605 Datasheet HTML 17Page - NXP Semiconductors SA605 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
SA605
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 14 November 2014
14 of 25
NXP Semiconductors
SA605
High performance low power mixer FM IF system
[1]
This value can be reduced when a battery is the power source.
Table 9.
Automatic test circuit component list
Component
Description
C1
33 pF NPO ceramic
C2
180 pF NPO ceramic
C3, C6
5 pF to 30 pF variable capacitor; Murata TZC3P300A 110R00
C5, C9, C11, C14, C17,
C18, C21, C23
100 nF
 10 % monolithic ceramic
C7
1 nF ceramic
C8, C15
10 pF NPO ceramic
C10[1]
6.8
F tantalum (minimum)
C12
15 nF
 10 % ceramic
C13
150 pF
 2 % N1500 ceramic
C26
390 pF
 10 % monolithic ceramic
FL1
ceramic filter Murata SFG455A3 or equivalent
FL2
IFT1
330
H variable shielded inductor, Toko 836AN-0129Z
L1
330 nH Coilcraft 1008CS-331
L2
1.2
H Coilcraft 1008CS-122
X1
44.545 MHz 3rd Overtone series resonant crystal in the HC-49U case
R9
100 k
 1 % 1/4 W metal film
R10, R11
100 k
 1 % 1/4 W metal film (optional)
R17
5.1 k
 5 % 1/4 W carbon composition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com