Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 158 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 158 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 154Page - Texas Instruments AM4376 Datasheet HTML 155Page - Texas Instruments AM4376 Datasheet HTML 156Page - Texas Instruments AM4376 Datasheet HTML 157Page - Texas Instruments AM4376 Datasheet HTML 158Page - Texas Instruments AM4376 Datasheet HTML 159Page - Texas Instruments AM4376 Datasheet HTML 160Page - Texas Instruments AM4376 Datasheet HTML 161Page - Texas Instruments AM4376 Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.12.8.1.2 GPMC and NOR Flash—Asynchronous Mode
Table 5-42 and Table 5-43 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 5-38 through Figure 5-43).
Table 5-41. GPMC and NOR Flash Timing Conditions—Asynchronous Mode
TIMING CONDITION PARAMETER
MIN
TYP
MAX
UNIT
Input Conditions
tR
Input signal rise time
0.3
1.8
ns
tF
Input signal fall time
0.3
1.8
ns
Output Condition
CLOAD
Output load capacitance
3
30
pF
Table 5-42. GPMC and NOR Flash Internal Timing Parameters—Asynchronous Mode(1)(2)
OPP100
OPP50
NO.
UNIT
MIN
MAX
MIN
MAX
FI1
Delay time, output data gpmc_ad[15:0] generation from internal functional clock
6.5
6.5
ns
GPMC_FCLK(3)
FI2
Delay time, input data gpmc_ad[15:0] capture from internal functional clock
4
4
ns
GPMC_FCLK(3)
FI3
Delay time, output chip select gpmc_csn[x] generation from internal functional
6.5
6.5
ns
clock GPMC_FCLK(3)
FI4
Delay time, output address gpmc_a[27:1] generation from internal functional clock
6.5
6.5
ns
GPMC_FCLK(3)
FI5
Delay time, output address gpmc_a[27:1] valid from internal functional clock
6.5
6.5
ns
GPMC_FCLK(3)
FI6
Delay time, output lower-byte enable and command latch enable gpmc_be0n_cle,
6.5
6.5
ns
output upper-byte enable gpmc_be1n generation from internal functional clock
GPMC_FCLK(3)
FI7
Delay time, output enable gpmc_oen generation from internal functional clock
6.5
6.5
ns
GPMC_FCLK(3)
FI8
Delay time, output write enable gpmc_wen generation from internal functional
6.5
6.5
ns
clock GPMC_FCLK(3)
FI9
Skew, internal functional clock GPMC_FCLK(3)
100
100
ps
(1) The internal parameters table must be used to calculate data access time stored in the corresponding CS register bit field.
(2) Internal parameters are referred to the GPMC functional internal clock which is not provided externally.
(3) GPMC_FCLK is general-purpose memory controller internal functional clock.
158
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com