Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 160 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 160 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 156Page - Texas Instruments AM4376 Datasheet HTML 157Page - Texas Instruments AM4376 Datasheet HTML 158Page - Texas Instruments AM4376 Datasheet HTML 159Page - Texas Instruments AM4376 Datasheet HTML 160Page - Texas Instruments AM4376 Datasheet HTML 161Page - Texas Instruments AM4376 Datasheet HTML 162Page - Texas Instruments AM4376 Datasheet HTML 163Page - Texas Instruments AM4376 Datasheet HTML 164Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
Table 5-44. GPMC and NOR Flash Switching Characteristics—Asynchronous Mode (continued)
OPP100
OPP50
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
FA27
td(csnV-wenIV)
Delay time, output chip select gpmc_csn[x](13)
F(6) - 0.2
F(6) + 2.0
F(6) - 0.2
F(6) + 2.0
ns
valid to output write enable gpmc_wen invalid
FA28
td(wenV-dV)
Delay time, output write enable gpmc_ wen
2.8
5
ns
valid to output data gpmc_ad[15:0] valid
FA29
td(dV-csnV)
Delay time, output data gpmc_ad[15:0] valid to
J(9) - 0.2
J(9) + 2.8
J(9) - 0.2
J(9) + 2.8
ns
output chip select gpmc_csn[x](13) valid
FA37
td(oenV-aIV)
Delay time, output enable gpmc_oen valid to
2.8
2.8
ns
output address gpmc_ad[15:0] phase end
(1) For single read: A = (CSRdOffTime - CSOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK(14)
For single write: A = (CSWrOffTime - CSOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK(14)
For burst read: A = (CSRdOffTime - CSOnTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK(14)
For burst write: A = (CSWrOffTime - CSOnTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK(14)
with n being the page burst access number
(2) For reading: B = ((ADVRdOffTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay - CSExtraDelay)) *
GPMC_FCLK(14)
For writing: B = ((ADVWrOffTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay - CSExtraDelay)) * GPMC_FCLK(14)
(3) C = ((OEOffTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay - CSExtraDelay)) * GPMC_FCLK(14)
(4) D = PageBurstAccessTime * (TimeParaGranularity + 1) * GPMC_FCLK(14)
(5) E = ((WEOnTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay - CSExtraDelay)) * GPMC_FCLK(14)
(6) F = ((WEOffTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay - CSExtraDelay)) * GPMC_FCLK(14)
(7) G = Cycle2CycleDelay * GPMC_FCLK(14)
(8) I = ((OEOffTime + (n - 1) * PageBurstAccessTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay - CSExtraDelay)) *
GPMC_FCLK(14)
(9) J = (CSOnTime * (TimeParaGranularity + 1) + 0.5 * CSExtraDelay) * GPMC_FCLK(14)
(10) K = ((ADVOnTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay - CSExtraDelay)) * GPMC_FCLK(14)
(11) L = ((OEOnTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay - CSExtraDelay)) * GPMC_FCLK(14)
(12) For single read: N = RdCycleTime * (TimeParaGranularity + 1) * GPMC_FCLK(14)
For single write: N = WrCycleTime * (TimeParaGranularity + 1) * GPMC_FCLK(14)
For burst read: N = (RdCycleTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK(14)
For burst write: N = (WrCycleTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK(14)
(13) In gpmc_csn[x], x is equal to 0, 1, 2, 3, 4, 5, or 6.
(14) GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
160
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com