Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 163 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 163 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 159Page - Texas Instruments AM4376 Datasheet HTML 160Page - Texas Instruments AM4376 Datasheet HTML 161Page - Texas Instruments AM4376 Datasheet HTML 162Page - Texas Instruments AM4376 Datasheet HTML 163Page - Texas Instruments AM4376 Datasheet HTML 164Page - Texas Instruments AM4376 Datasheet HTML 165Page - Texas Instruments AM4376 Datasheet HTML 166Page - Texas Instruments AM4376 Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 261 page
background image
GPMC_FCLK
gpmc_clk
gpmc_csn[x]
gpmc_a[10:1]
gpmc_be0n_cle
gpmc_be1n
gpmc_advn_ale
gpmc_oen
gpmc_ad[15:0]
gpmc_wait[x]
Add0
Add1
Add2
Add3
Add4
D0
D1
D2
D3
D3
FA1
FA0
FA18
FA13
FA12
FA0
FA9
FA10
FA10
FA21
FA20
FA20
FA20
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
A.
In gpmc_csn[x], x is equal to 0, 1, 2, 3, 4, 5, or 6. In gpmc_wait[x], x is equal to 0 or 1.
B.
FA21 parameter illustrates amount of time required to internally sample first input page data. It is expressed in
number of GPMC functional clock cycles. From start of read cycle and after FA21 functional clock cycles, first input
page data will be internally sampled by active functional clock edge. FA21 calculation must be stored inside
AccessTime register bits field.
C.
FA20 parameter illustrates amount of time required to internally sample successive input page data. It is expressed in
number of GPMC functional clock cycles. After each access to input page data, next input page data will be internally
sampled by active functional clock edge after FA20 functional clock cycles. FA20 is also the duration of address
phases for successive input page data (excluding first input page data). FA20 value must be stored in
PageBurstAccessTime register bits field.
D.
GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally.
Figure 5-40. GPMC and NOR Flash—Asynchronous Read—Page Mode 4x16-Bit
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
163
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com