Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 189 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 189 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 185Page - Texas Instruments AM4376 Datasheet HTML 186Page - Texas Instruments AM4376 Datasheet HTML 187Page - Texas Instruments AM4376 Datasheet HTML 188Page - Texas Instruments AM4376 Datasheet HTML 189Page - Texas Instruments AM4376 Datasheet HTML 190Page - Texas Instruments AM4376 Datasheet HTML 191Page - Texas Instruments AM4376 Datasheet HTML 192Page - Texas Instruments AM4376 Datasheet HTML 193Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 261 page
background image
A1
A2
Device
Address and Control
Output Buffer
DDR3 Address and Control Input Buffers
AT
Vtt
Address and Control
Terminator
Rtt
A1
A2
Device
Differential Clock
Output Buffer
DDR3 Differential CK Input Buffer
Routed as Differential Pair
AT
Rcp
Clock Parallel
Terminator
A1
A2
AT
Rcp
Cac
VDDS_DDR
0.1 µF
+
–
+ –
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.12.8.2.1.4.7 One 16-Bit DDR3 Device
One DDR3 device is supported on the DDR3 interface consisting of one x16 DDR3 device arranged as one 16-
bit bank.
5.12.8.2.1.4.8 CK and ADDR_CTRL Topologies, One DDR3 Device
Figure 5-68 shows the topology of the CK net classes and Figure 5-69 shows the topology for the corresponding
ADDR_CTRL net classes.
Figure 5-68. CK Topology for One DDR3 Device
Figure 5-69. ADDR_CTRL Topology for One DDR3 Device
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
189
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com