Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 193 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 193 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 189Page - Texas Instruments AM4376 Datasheet HTML 190Page - Texas Instruments AM4376 Datasheet HTML 191Page - Texas Instruments AM4376 Datasheet HTML 192Page - Texas Instruments AM4376 Datasheet HTML 193Page - Texas Instruments AM4376 Datasheet HTML 194Page - Texas Instruments AM4376 Datasheet HTML 195Page - Texas Instruments AM4376 Datasheet HTML 196Page - Texas Instruments AM4376 Datasheet HTML 197Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 261 page
background image
=
Rtt
A2
A3
AT
Vtt
A8
(A)
A8
(A)
A8
(A)
CACLMX
CACLMY
=
Rtt
A2
A3
A4
A3
AT
Vtt
A8
(A)
A8
(A)
A8
(A)
A8
(A)
A8
(A)
CACLMX
CACLMY
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
A.
It is very likely that the longest CK and ADDR_CTRL Manhattan distance will be for Address Input 8 (A8) on the
DDR3 memories. CACLM is based on the longest Manhattan distance due to the device placement. Verify the net
class that satisfies this criteria and use as the baseline for CK and ADDR_CTRL skew matching and length control.
The length of shorter CK and ADDR_CTRL stubs as well as the length of the terminator stub are not included in this
length calculation. Non-included lengths are grayed out in the figure.
Assuming A8 is the longest, CACLM = CACLMY + CACLMX + 300 mils.
The extra 300 mils allows for routing down lower than the DDR3 memories and returning up to reach A8.
Figure 5-76. CACLM for Two or Four Address Loads on One Side of PCB
Table 5-59. CK and ADDR_CTRL Routing Specification(1)(2)(3)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
A1+A2 length
2500
mils
2
A1+A2 skew
25
mils
3
A3 length
660
mils
4
A3 skew(4)
25
mils
5
A3 skew(5)
125
mils
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
193
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com