Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 195 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 195 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 191Page - Texas Instruments AM4376 Datasheet HTML 192Page - Texas Instruments AM4376 Datasheet HTML 193Page - Texas Instruments AM4376 Datasheet HTML 194Page - Texas Instruments AM4376 Datasheet HTML 195Page - Texas Instruments AM4376 Datasheet HTML 196Page - Texas Instruments AM4376 Datasheet HTML 197Page - Texas Instruments AM4376 Datasheet HTML 198Page - Texas Instruments AM4376 Datasheet HTML 199Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 261 page
background image
DQLMY0
3
2
DQLMX1
DQ1
DQ0
DQLMX0
DQ[8:15], DM1, DQS1
DQ[0:7], DM0, DQS0
DQLMY1
DQ0 - DQ3 represent data bytes 0 - 3.
1
0
DQ2
DQ[16:23], DM2, DQS2
DQLMX2
DQ3
DQ[24:31], DM3, DQS3
DQLMX3
DQLMY3 DQLMY2
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
There are four DQLMs, one for each byte (16-bit interface). Each DQLM is the longest Manhattan distance of the
byte; therefore:
DQLM0 = DQLMX0 + DQLMY0
DQLM1 = DQLMX1 + DQLMY1
DQLM2 = DQLMX2 + DQLMY2
DQLM3 = DQLMX3 + DQLMY3
Figure 5-77. DQLM for Any Number of Allowed DDR3 Devices
Table 5-60. DQS[x] and DQ[x] Routing Specification(1)(2)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
DQ0 nominal length(3)(4)
DQLM0
mils
2
DQ1 nominal length(3)(5)
DQLM1
mils
3
DQ2 nominal length
DQLM2
mils
4
DQ3 nominal length
DQLM3
mils
5
DQ[x] skew(6)
25
mils
6
DQS[x] skew
5
mils
7
DQS[x]-to-DQ[x] skew(6)(7)
25
mils
8
Center-to-center DQ[x] to other DDR3 trace spacing(8)(9)
4
w
9
Center-to-center DQ[x] to other DQ[x] trace spacing(8)(10)
3
w
10
DQS[x] center-to-center spacing(11)
11
DQS[x] center-to-center spacing to other net(8)
4
w
(1) DQS[x] represents the DQS0 and DQS1 clock net classes, and DQ[x] represents the DQ0 and DQ1 signal net classes.
(2) External termination disallowed. Data termination should use built-in ODT functionality.
(3) DQLMn is the longest Manhattan distance of a byte. For definition, see Section 5.12.8.2.1.6.2 and Figure 5-77.
(4) DQLM0 is the longest Manhattan length for the DQ0 net class.
(5) DQLM1 is the longest Manhattan length for the DQ1 net class.
(6) Length matching is only done within a byte. Length matching across bytes is not required. To maintain tighter delay skew, route the
DQ[x] and DQS[x] signals within a byte to have same number of VIA and layer transitions.
(7) Each DQS clock net class is length matched to its associated DQ signal net class.
(8) Center-to-center spacing is allowed to fall to minimum for up to 1250 mils of routed length.
(9) Other DDR3 trace spacing means signals that are not part of the same DQ[x] signal net class.
(10) This applies to spacing within same DQ[x] signal net class.
(11) DQS[x] pair spacing is set to ensure proper differential impedance. Differential impedance should be Zo x 2, where Zo is the single-
ended impedance defined in Table 5-53.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
195
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com