Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 198 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 198 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 194Page - Texas Instruments AM4376 Datasheet HTML 195Page - Texas Instruments AM4376 Datasheet HTML 196Page - Texas Instruments AM4376 Datasheet HTML 197Page - Texas Instruments AM4376 Datasheet HTML 198Page - Texas Instruments AM4376 Datasheet HTML 199Page - Texas Instruments AM4376 Datasheet HTML 200Page - Texas Instruments AM4376 Datasheet HTML 201Page - Texas Instruments AM4376 Datasheet HTML 202Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 261 page
background image
DQ31
DM31
DQS3_t
DQS3_c
DDR_D31
DDR_D24
32-Bit LPDDR2
Device
0.1 µF
49.9
1
20mW
(± %
)
0.1 µF
32-Bit LPDDR2
Interface
DDR_DQM3
DDR_DQS3
DDR_DQSn3
DDR_D23
DDR_D16
DDR_DQM2
DDR_DQS2
DDR_DQSn2
DDR_D15
DDR_D8
DDR_DQM1
DDR_DQS1
DDR_DQSn1
DDR_D7
DDR_D0
DDR_DQM0
DDR_DQS0
DDR_DQSn0
DDR_VREF
DDR_VTP
8
8
8
8
DQ24
DQ23
DQ16
DM2
DQS2_t
DQS2_c
ZQ
ZQ0/1
Vref(CA)
Vref(DQ)
DQ15
DQ8
DQ7
DQ0
DM1
DM0
DQS1_t
DQS1_c
DQS0_t
DQS0_c
CK_c
DDR_CK
DDR_CKn
DDR_CKE1
DDR_CSn0
DDR_CSn1
DDR_RASn
DDR_CASn
DDR_WEn
DDR_BA0
DDR_BA1
CK_t
CS1_n
CS0_n
CA0
CKE1
CA1
CA2
CA7
CA8
DDR_CKE0
CKE0
DDR_BA2
DDR_A1
DDR_A2
DDR_A10
DDR_A13
CA9
CA5
CA6
CA4
CA3
1 K
VDDS_DDR
0.1 µF
0.1 µF
1 K
DDR_VREF
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
Figure 5-80. 32-Bit Interface Using One 32-Bit LPDDR2 Device
When not using a part of LPDDR2 interface (using x16 or not using the LPDDR2 interface):
•
Connect the VDDS_DDR supply to 1.8 V
•
Connect the DDR_VREF supply to 0.9 V
•
Tie off DDR_DQS[x] (x=0,1,2,3) that are unused to VSS via 1-K ohm
•
Tie off DDR_DQSn[x] (x=0,1,2,3) that are unused to VDDS_DDR via 1-K ohm
•
All other unused pins can be left as NC.
Note: All the unused DDR ADDR_CTRL lines used for DDR3 operation should be left as NC.
198
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com