Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 194 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 194 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 190Page - Texas Instruments AM4376 Datasheet HTML 191Page - Texas Instruments AM4376 Datasheet HTML 192Page - Texas Instruments AM4376 Datasheet HTML 193Page - Texas Instruments AM4376 Datasheet HTML 194Page - Texas Instruments AM4376 Datasheet HTML 195Page - Texas Instruments AM4376 Datasheet HTML 196Page - Texas Instruments AM4376 Datasheet HTML 197Page - Texas Instruments AM4376 Datasheet HTML 198Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
Table 5-59. CK and ADDR_CTRL Routing Specification(1)(2)(3) (continued)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
6
A4 length
660
mils
7
A4 skew
25
mils
8
AS length
100
mils
9
AS skew
25
mils
10
AS+ and AS- length
70
mils
11
AS+ and AS- skew
5
mils
12
AT length(6)
500
mils
13
AT skew(7)
100
mils
14
AT skew(8)
5
mils
15
CK and ADDR_CTRL nominal trace length(9)
CACLM-50
CACLM
CACLM+50
mils
16
Center-to-center CK to other DDR3 trace spacing(10)
4
w
17
Center-to-center ADDR_CTRL to other DDR3 trace spacing(10)(11)
4
w
18
Center-to-center ADDR_CTRL to other ADDR_CTRL trace spacing(10)
3
w
19
CK center-to-center spacing(12)
20
CK spacing to other net(10)
4
w
21
Rcp(13)
Zo-1
Zo
Zo+1
ohms
22
Rtt(13)(14)
Zo-5
Zo
Zo+5
ohms
(1) CK represents the clock net class, and ADDR_CTRL represents the address and control signal net class.
(2) The use of vias should be minimized.
(3) Additional bypass capacitors are required when using the VDDS_DDR plane as the reference plane to allow the return current to jump
between the VDDS_DDR plane and the ground plane when the net class switches layers at a via.
(4) Mirrored configuration (one DDR3 device on top of the board and one DDR3 device on the bottom).
(5) Non-mirrored configuration (all DDR3 memories on same side of PCB).
(6) While this length can be increased for convenience, its length should be minimized.
(7) ADDR_CTRL net class only (not CK net class). Minimizing this skew is recommended, but not required.
(8) CK net class only.
(9) CACLM is the longest Manhattan distance of the CK and ADDR_CTRL net classes + 300 mils. For definition, see Section 5.12.8.2.1.6.1
and Figure 5-76.
(10) Center-to-center spacing is allowed to fall to minimum (w) for up to 1250 mils of routed length.
(11) Signals from one DQ net class should be considered other DDR3 traces to another DQ net class.
(12) CK spacing set to ensure proper differential impedance. Differential impedance should be Zo x 2, where Zo is the single-ended
impedance defined in Table 5-53.
(13) Source termination (series resistor at driver) is specifically not allowed.
(14) Termination values should be uniform across the net class.
5.12.8.2.1.6.2 DQS[x] and DQ[x] Routing Specification
Skew within the DQS[x] and DQ[x] net classes directly reduces setup and hold margin and, thus, this skew must
be controlled. The only way to practically match lengths on a PCB is to lengthen the shorter traces up to the
length of the longest net in the net class and its associated clock. DQLMn is defined as DQ Longest Manhattan
distance n, where n is the byte number. For a 16-bit interface, there are two DQLMs, DQLM0-DQLM1.
NOTE
It is not required, nor is it recommended, to match the lengths across all bytes. Length matching is
only required within each byte.
Given the DQS[x] and DQ[x] pin locations on the device and the DDR3 memories, the maximum possible
Manhattan distance can be determined given the placement. Figure 5-77 shows this distance for a two-load
case. It is from this distance that the specifications on the lengths of the transmission lines for the data bus are
determined. For DQS[x] and DQ[x] routing, these specifications are contained in Table 5-60.
194
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com