Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 196 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 196 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 192Page - Texas Instruments AM4376 Datasheet HTML 193Page - Texas Instruments AM4376 Datasheet HTML 194Page - Texas Instruments AM4376 Datasheet HTML 195Page - Texas Instruments AM4376 Datasheet HTML 196Page - Texas Instruments AM4376 Datasheet HTML 197Page - Texas Instruments AM4376 Datasheet HTML 198Page - Texas Instruments AM4376 Datasheet HTML 199Page - Texas Instruments AM4376 Datasheet HTML 200Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 261 page
background image
DDR_CK
1
DDR_CKn
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.12.8.2.2 LPDDR2 Routing Guidelines
This section provides the timing specification for the LPDDR2 interface as a PCB design and manufacturing
specification. The design rules constrain PCB trace length, PCB trace skew, signal integrity, cross-talk, and
signal timing. These rules, when followed, result in a reliable LPDDR2 memory system without the need for a
complex timing closure process. For more information regarding guidelines for using this LPDDR2 specification,
see the Understanding TI's PCB Routing Rule-Based DDR Timing Specification application report (SPRAAV0).
This application report provides generic guidelines and approach. All the specifications provided in the data
manual take precedence over the generic guidelines and must be adhered to for a reliable LPDDR2 interface
operation.
5.12.8.2.2.1 LPDDR2 Board Designs
TI only supports board designs using LPDDR2 memory that follow the guidelines in this document. The switching
characteristics and timing diagram for the LPDDR2 memory interface are shown in Table 5-61 and Figure 5-78.
Table 5-61. Switching Characteristics for LPDDR2 Memory Interface
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(DDR_CK)
Cycle time, DDR_CK and DDR_CKn
7.52
3.76(1)
ns
(1) The JEDEC JESD209-2F standard defines the maximum clock period of 100 ns for all standard-speed bin LPDDR2 memory. The
device has only been tested per the limits published in this table.
Figure 5-78. LPDDR2 Memory Interface Clock Timing
5.12.8.2.2.2 LPDDR2 Device Configurations
There are several possible combinations of device counts and single-side or dual-side mounting. Table 5-62 lists
all the supported configurations.
Table 5-62. Supported LPDDR2 Device Combinations
NUMBER OF LPDDR2
LPDDR2 DEVICE WIDTH (BITS)
MIRRORED?(1)
LPDDR2 EMIF WIDTH (BITS)
DEVICES
1
32
N
32
2(2)
32
N
32
1
16
N
16
2(2)
16
N
16
(1) Two LPDDR2 devices are mirrored when one device is placed on the top of the board and the second device is placed on the bottom of
the board.
(2) Two devices are supported only with twin-die configuration which embeds two devices in the same package.
Details on treating unused pins are listed in Section 5.12.8.2.2.3.1.
196
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com