Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 199 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 199 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 195Page - Texas Instruments AM4376 Datasheet HTML 196Page - Texas Instruments AM4376 Datasheet HTML 197Page - Texas Instruments AM4376 Datasheet HTML 198Page - Texas Instruments AM4376 Datasheet HTML 199Page - Texas Instruments AM4376 Datasheet HTML 200Page - Texas Instruments AM4376 Datasheet HTML 201Page - Texas Instruments AM4376 Datasheet HTML 202Page - Texas Instruments AM4376 Datasheet HTML 203Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.12.8.2.2.3.2 Compatible JEDEC LPDDR2 Devices
Table 5-63 shows the supported LPDDR2 device configurations which are compatible with this interface.
Table 5-63. Compatible JEDEC LPDDR2 Devices (Per Interface)
NO.
PARAMETER
CONDITION
MIN
MAX
UNIT
1
JEDEC LPDDR2 device speed grade
tc(DDR_CK) and tc(DDR_CKn)
LPDDR2-533
2
JEDEC LPDDR2 device bit width
x16
x32
Bits
3
JEDEC LPDDR2 device count
1
2(1)
Devices
(1) Two devices are supported only with twin-die configuration which embeds two devices in the same package.
5.12.8.2.2.3.3 LPDDR2 PCB Stackup
Table 5-64 shows the minimum stackup requirements. Additional layers may be added to the PCB stackup to
accommodate other circuitry, enhance signal integrity and electromagnetic interference performance, or to
reduce the size of the PCB footprint.
Table 5-64. Minimum PCB Stackup
LAYER
TYPE
DESCRIPTION
1
Signal
Top signal routing
2
Plane
Ground
3
Plane
Power
4
Signal
Bottom signal routing
PCB stackup specifications for LPDDR2 interface are listed in Table 5-65.
Table 5-65. PCB Stackup Specifications(1)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
PCB routing and plane layers
4
2
Signal routing layers
2
3
Full ground reference layers under LPDDR2 routing region(1)
1
4
Full VDDS_DDR power reference layers under the LPDDR2 routing
1
region(1)
5
Number of reference plane cuts allowed within LPDDR2 routing region(2)
0
6
Number of layers between LPDDR2 routing layer and reference plane(3)
0
7
PCB routing feature size
4
mils
8
PCB trace width, w
4
mils
9
PCB BGA escape via pad size(4)
18
20
mils
10
PCB BGA escape via hole size
10
mils
11
Single-ended impedance, Zo(5)
50
75
ohms
12
Impedance control(6)(7)
Zo-5
Zo
Zo+5
ohms
(1) Ground reference layers are preferred over power reference layers. Be sure to include bypass caps to accommodate reference layer
return current as the trace routes switch routing layers.
(2) No traces should cross reference plane cuts within the LPDDR2 routing region. High-speed signal traces crossing reference plane cuts
create large return current paths which can lead to excessive crosstalk and EMI radiation.
(3) Reference planes are to be directly adjacent to the signal plane to minimize the size of the return current loop.
(4) An 18-mil pad assumes Via Channel is the most economical BGA escape. A 20-mil pad may be used if additional layers are available
for power routing. An 18-mil pad is required for minimum layer count escape.
(5) Zo is the nominal singled-ended impedance selected for the PCB.
(6) This parameter specifies the AC characteristic impedance tolerance for each segment of a PCB signal trace relative to the chosen Zo
defined by the single-ended impedance parameter.
(7) Tighter impedance control is required to ensure flight time skew is minimal.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
199
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com