Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 201 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 201 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 197Page - Texas Instruments AM4376 Datasheet HTML 198Page - Texas Instruments AM4376 Datasheet HTML 199Page - Texas Instruments AM4376 Datasheet HTML 200Page - Texas Instruments AM4376 Datasheet HTML 201Page - Texas Instruments AM4376 Datasheet HTML 202Page - Texas Instruments AM4376 Datasheet HTML 203Page - Texas Instruments AM4376 Datasheet HTML 204Page - Texas Instruments AM4376 Datasheet HTML 205Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 261 page
background image
Device
DQS[x]
IO Buffer
DDR3
DQS[x]
IO Buffer
Routed Differentially
DQS[x]-
DQS[x]+
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.12.8.2.2.3.6 LPDDR2 Net Classes
Table 5-67. Clock Net Class Definitions for the LPDDR2
Interface
CLOCK NET CLASS
PIN NAMES
CK
DDR_CK and DDR_CKn
DQS0
DDR_DQS0 and DDR_DQSn0
DQS1
DDR_DQS1 and DDR_DQSn1
DQS2
DDR_DQS2 and DDR_DQSn2
DQS3
DDR_DQS3 and DDR_DQSn3
Table 5-68. Signal Net Class and Associated Clock Net Class for LPDDR2 Interface
ASSOCIATED CLOCK
SIGNAL NET CLASS
PIN NAMES
NET CLASS
ADDR_CTRL
CK
DDR_BA[2:0], DDR_CSn0, DDR_CSn1, DDR_CKE0, DDR_CKE1,
DDR_RASn, DDR_CASn, DDR_WEn, DDR_A1, DDR_A2, DDR_A10,
DDR_A13
DQ0
DQS0
DDR_D[7:0], DDR_DQM0
DQ1
DQS1
DDR_D[15:8], DDR_DQM1
DQ2
DQS2
DDR_D[23:16], DDR_DQM2
DQ3
DQS3
DDR_D[31:24], DDR_DQM3
5.12.8.2.2.3.7 LPDDR2 Signal Termination
On-device termination (ODT) is available for DQ[3:0] signal net classes, but is not specifically required for normal
operation. System designers may evaluate the need for additional series termination if required based on signal
integrity, EMI and overshoot/undershoot reduction.
5.12.8.2.2.3.8 LPDDR2 DDR_VREF Routing
DDR_VREF is the reference voltage for the input buffers on the LPDDR2 memory as well as the device.
DDR_VREF is intended to be half the LPDDR2 power supply voltage and is typically generated with a voltage
divider connected to the VDDS_DDR power supply. It should be routed as a nominal 20-mil wide trace with 0.1-
µF bypass capacitors near each device connection. Narrowing of DDR_VREF is allowed to accommodate routing
congestion.
5.12.8.2.2.4 Routing Specification
DQS[x] and DQ[x] Routing Specification
DQS[x] lines are point-to-point differential and DQ[x] lines are point-to-point single ended. Figure 5-83 and
Figure 5-84 represent the supported topologies. Figure 5-85 and Figure 5-86 show the DQS[x] and DQ[x] routing.
Figure 5-87 shows the DQLM for the LPDDR2 interface.
x = 0, 1, 2, 3
Figure 5-83. DQS[x] Topology
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
201
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com