Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 200 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 200 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 196Page - Texas Instruments AM4376 Datasheet HTML 197Page - Texas Instruments AM4376 Datasheet HTML 198Page - Texas Instruments AM4376 Datasheet HTML 199Page - Texas Instruments AM4376 Datasheet HTML 200Page - Texas Instruments AM4376 Datasheet HTML 201Page - Texas Instruments AM4376 Datasheet HTML 202Page - Texas Instruments AM4376 Datasheet HTML 203Page - Texas Instruments AM4376 Datasheet HTML 204Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 261 page
background image
LPDDR2 Keepout Region
Encompasses Entire
LPDDR2 Routing Area
LPDDR2
interface
LPDDR2
interface
Y
X1
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.12.8.2.2.3.4 LPDDR2 Placement
Figure 5-81 shows the placement rules for the device as well as the LPDDR2 memory device. Placement
restrictions are provided as a guidance to restrict maximum trace lengths and allow for proper routing space.
Figure 5-81. Placement Specifications
Table 5-66. Placement Specifications(1)
NO.
PARAMETER
MIN
MAX
UNIT
1
X1 Offset(2)(3)
1500
mils
2
Y Offset(2)(3)(4)
1500
mils
3
Clearance from non-LPDDR2 signal to LPDDR2 keepout region(4)(5)
4
w
(1) LPDDR2 keepout region to encompass entire LPDDR2 routing area.
(2) Measurements from center of device to center of LPDDR2 device.
(3) Minimizing X1 and Y improves timing margins.
(4) w is defined as the signal trace width.
(5) Non-LPDDR2 signals allowed within LPDDR2 keepout region provided they are separated from LPDDR2 routing layers by a ground
plane.
5.12.8.2.2.3.5 LPDDR2 Keepout Region
The region of the PCB used for LPDDR2 circuitry must be isolated from other signals. The LPDDR2 keepout
region is defined for this purpose and is shown in Figure 5-82. This region should encompass all LPDDR2
circuitry and the region size varies with component placement and LPDDR2 routing. Non-LPDDR2 signals should
not be routed on the same signal layer as LPDDR2 signals within the LPDDR2 keepout region. Non-LPDDR2
signals may be routed in the region provided they are routed on layers separated from LPDDR2 signal layers by
a ground layer. No breaks should be allowed in the reference ground or VDDS_DDR power plane in this region.
In addition, the VDDS_DDR power plane should cover the entire keepout region.
Figure 5-82. LPDDR2 Keepout Region
200
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com