Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 203 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 203 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 199Page - Texas Instruments AM4376 Datasheet HTML 200Page - Texas Instruments AM4376 Datasheet HTML 201Page - Texas Instruments AM4376 Datasheet HTML 202Page - Texas Instruments AM4376 Datasheet HTML 203Page - Texas Instruments AM4376 Datasheet HTML 204Page - Texas Instruments AM4376 Datasheet HTML 205Page - Texas Instruments AM4376 Datasheet HTML 206Page - Texas Instruments AM4376 Datasheet HTML 207Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 261 page
background image
DQLMYi
DQi
DQLMXi
i = 0, 1, 2, 3
LPDDR2
interface
DQLM0 = DQLMX0 + DQLMY0
DQLM2 = DQLMX2 + DQLMY2
DQLM3 = DQLMX3 + DQLMY3
DQLM1 = DQLMX1 + DQLMY1
DQ0 - DQ3 represent data bytes 0 - 3.
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
There are four DQLMs, one for each data byte, in a 32-bit interface and two DQLMs, one for each data byte, in a 16-
bit interface. Each DQLM is the longest Manhattan distance of the byte.
Figure 5-87. DQLM for LPDDR2 Interface
Trace routing specifications for the DQ[x] and the DQS[x] are specified in Table 5-69.
Table 5-69. DQS[x] and DQ[x] Routing Specification(1)(2)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
DQ0 nominal length(3)(4)
DQLM0
mils
2
DQ1 nominal length(3)(5)
DQLM1
mils
3
DQ2 nominal length (3)(6)
DQLM2
mils
4
DQ3 nominal length (3)(7)
DQLM3
mils
5
DQ[x] skew(8)
50
mils
6
DQS[x] skew
10
mils
7
Via count per each trace in DQ[x], DQS[x]
2
8
Via count difference across a given DQ[x], DQS[x]
0
9
DQS[x]-to-DQ[x] skew(8)(9)
50
mils
10
Center-to-center DQ[x] to other LPDDR2 trace spacing(10)(11)
4
w
11
Center-to-center DQ[x] to other DQ[x] trace spacing(10)(12)
3
w
12
DQS[x] center-to-center spacing(13)
13
DQS[x] center-to-center spacing to other net(10)
4
w
(1) DQS[x] represents the DQS0, DQS1, DQS2, DQS3 clock net classes, and DQ[x] represents the DQ0, DQ1, DQ2, DQ3 signal net
classes.
(2) External termination disallowed. Data termination should use built-in ODT functionality.
(3) DQLMn is the longest Manhattan distance of a byte.
(4) DQLM0 is the longest Manhattan length for the DQ0 net class.
(5) DQLM1 is the longest Manhattan length for the DQ1 net class.
(6) DQLM2 is the longest Manhattan length for the DQ2 net class.
(7) DQLM3 is the longest Manhattan length for the DQ3 net class.
(8) Length matching is only done within a byte. Length matching across bytes is not required.
(9) Each DQS clock net class is length matched to its associated DQ signal net class.
(10) Center-to-center spacing is allowed to fall to minimum for up to 1000 mils of routed length.
(11) Other LPDDR2 trace spacing means signals that are not part of the same DQ[x] signal net class.
(12) This applies to spacing within same DQ[x] signal net class.
(13) DQS[x] pair spacing is set to ensure proper differential impedance. Differential impedance should be Zo x 2, where Zo is the single-
ended impedance.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
203
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com