Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 207 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 207 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 203Page - Texas Instruments AM4376 Datasheet HTML 204Page - Texas Instruments AM4376 Datasheet HTML 205Page - Texas Instruments AM4376 Datasheet HTML 206Page - Texas Instruments AM4376 Datasheet HTML 207Page - Texas Instruments AM4376 Datasheet HTML 208Page - Texas Instruments AM4376 Datasheet HTML 209Page - Texas Instruments AM4376 Datasheet HTML 210Page - Texas Instruments AM4376 Datasheet HTML 211Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 261 page
background image
SWPS038-055
dss_pclk
dss_vsync
dss_hsync
dss_acbias
dss_data[23:0]
DL4
DL5
DL3
DL0
DL2
DL1
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
Table 5-72. DSS Switching Characteristics—TFT Mode (continued)
OPP100
OPP50
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
DL5
tw(pclk)
Pulse duration, output pixel clock dss_pclk low or high
0.45P(2)
0.55P(2)(3)
0.45P(2)
0.55P(2)(3)
ns
tJ(pclk)
Peak-peak jitter, output pixel clock dss_pclk
200
200
ps
(1) The pixel clock frequency is software programmable via the pixel clock DISPC_DIVISOR register.
(2) P = dss_pclk period in ns
(3) tw(pclk) = 0.66P when DISPC_DIVISOR[7:0] PCD = 3
A.
The pixel data bus depends on the use of 8-, 9-, 12-, 16-, 18-, or 24-bit per pixel data output pins.
B.
The pixel clock frequency is programmable.
C.
All timings not illustrated in the waveform are progammable by software, and control signal polarity and driven edge of
dss_pclk too.
D.
For more information, see the DSS chapter in the AM437x Sitara Processors Technical Reference Manual
(SPRUHL7).
Figure 5-93. DSS—TFT Mode
5.12.9.1.1.2 DSS—Parallel Interface—Bypass Mode—STN Mode
Table 5-74 assumes testing over the recommended operating conditions and electrical characteristic conditions
below (see Figure 5-94).
Table 5-73. DSS Timing Conditions—STN Mode
VALUE
TIMING CONDITION PARAMETER
UNIT
MIN
MAX
Output Condition
CLOAD
Output load capacitance
40
pF
Table 5-74. DSS Switching Characteristics—STN Mode(1)
OPP100
OPP50
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
DL3
td(pclkA-dV)
Delay time, output pixel clock dss_pclk active edge to
-6
6
-6
6
ns
output data dss_data[7:0] valid
DL4
1 / tc(pclk)
Frequency(2), output pixel clock dss_pclk
45
45
MHz
(1)
The DSS in STN mode is used with 4 or 8 pins only; unused pixel data bits always remain low.
(2)
The pixel clock frequency is software programmable via the pixel clock divider DISPC_DIVISOR register.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
207
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com