Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 211 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 211 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 207Page - Texas Instruments AM4376 Datasheet HTML 208Page - Texas Instruments AM4376 Datasheet HTML 209Page - Texas Instruments AM4376 Datasheet HTML 210Page - Texas Instruments AM4376 Datasheet HTML 211Page - Texas Instruments AM4376 Datasheet HTML 212Page - Texas Instruments AM4376 Datasheet HTML 213Page - Texas Instruments AM4376 Datasheet HTML 214Page - Texas Instruments AM4376 Datasheet HTML 215Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 261 page
background image
rfbi_a0
rfbi_csx
rfbi_wr
rfbi_rd
rfbi_da[n:0]
rfbi_te_vsync[1:0]
rfbi_hsync[1:0]
WRITE
READ
WRITE
CsOnTime
CsOffTime
WEOffTime
WECycleTime
CsPulseWidth
ReCycleTime
AccessTime
CsOnTime
CsOffTime
ReOffTime
CsPulseWidth
CsOnTime
WEOffTime
CsOffTime
WECycleTime
SWPS038-059
WEOnTime
ReOnTime
WEOnTime
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
A.
In rfbi_csx, x is equal to 0 or 1.
B.
rfbi_da[n:0], n up to 15
C.
For more information, see the DSS chapter in the AM437x Sitara Processors Technical Reference Manual
(SPRUHL7).
Figure 5-97. DSS—RFBI Mode—MIPI DBI 2.0—LCD Panel—Command / Data Write to Read and Read to
Write Modes
5.12.9.1.2.2 DSS—Parallel Interface—RFBI Mode—Pico DLP
The Remote Frame Buffer Interface (RFBI) module can provide also the necessary control signals and data to
interface to the Pico DLP driver of the Pico DLP panel. Table 5-78 assumes testing over the recommended
operating conditions and electrical characteristic conditions below (see Figure 5-98).
Table 5-78. DSS Timing Conditions—RFBI Mode—Pico DLP
VALUE
TIMING CONDITION PARAMETER
UNIT
MIN
MAX
Output Condition
CLOAD
Output load capacitance
5
pF
To use Pico DLP application, RFBI register must be configured as shown in Table 5-79:
Table 5-79. DSS Register Configuration—RFBI Mode—Pico DLP
DESCRIPTION
REGISTER AND BIT FIELD(1)
BIT
VALUES
Selection parallel mode
RFBI_CONFIGi and
[1:0]
0b11: 16-bit parallel output interface
ParallelMode
selected
Time Granularity (multiplies signal timing
RFBI_CONFIGi
[4]
0b0: x2 latency disable
latencies by 2).
andTimeGranularity
CS signal assertion time from Start Access
RFBI_ONOFF_TIMEi and
[3:0]
0b0000
Time
CSOnTime
CS signal de-assertion time from Start Access
RFBI_ONOFF_TIMEi and
[9:4]
0b000100: 4 cycles
Time
CSOffTime
WE signal assertion time from Start Access
RFBI_ONOFF_TIMEi and
[13:10]
0b0000
Time
WEOnTime
WE signal de-assertion time from Start Access
RFBI_ONOFF_TIMEi and
[19:14]
0b000010: 2 cycles
Time
WEOffTime
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
211
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com