Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 215 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 215 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 211Page - Texas Instruments AM4376 Datasheet HTML 212Page - Texas Instruments AM4376 Datasheet HTML 213Page - Texas Instruments AM4376 Datasheet HTML 214Page - Texas Instruments AM4376 Datasheet HTML 215Page - Texas Instruments AM4376 Datasheet HTML 216Page - Texas Instruments AM4376 Datasheet HTML 217Page - Texas Instruments AM4376 Datasheet HTML 218Page - Texas Instruments AM4376 Datasheet HTML 219Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.12.10 Camera (VPFE)
The camera (VPFE) controller receives input video/image data from external capture devices and stores it to
external memory which is transferred into the external memory via a built-in DMA engine. An internal buffer block
provides a high bandwidth path between the module and the external memory. The Cortex-A9 will process the
image data based on application requirements.
5.12.10.1 Camera (VPFE) Timing
The following tables assume testing over recommended operating conditions.
Table 5-81. VPFE Timing Requirements
1.8V, 3.3V
NO.
OPP50
OPP100
UNIT
MIN
MAX
MIN
MAX
VF1
tc(CAMx_CLK)
Cycle time, pixel clock input, CAMx_CLK
20
13.3
ns
tsu(CAMx_D-
VF2
Setup time, CAMx_D to CAMx_CLK rising edge
7.5
3.5
ns
CAMx_CLK)
tsu(CAMx_HD-
VF3
Setup time, CAMx_HD to CAMx_CLK rising edge
7.5
3.5
ns
CAMx_CLK)
tsu(CAMx_VD-
VF4
Setup time, CAMx_VD to CAMx_CLK rising edge
7.5
3.5
ns
CAMx_CLK)
tsu(CAMx_WEN-
VF5
Setup time, CAMx_WEN to CAMx_CLK rising edge
7.5
3.5
ns
CAMx_CLK)
VF6
tsu(C_FLD-CAMx_CLK) Setup time, CAMx_FIELD to CAMx_CLK rising edge
7.5
3.5
ns
th(CAMx_CLK-
VF7
Hold time, CAMx_D valid after CAMx_CLK rising edge
6.5
2.5
ns
CAMx_D)
th(VDIN-HD-
VF8
Hold time, CAMx_HD to CAMx_CLK rising edge
6.5
2.5
ns
CAMx_CLK)
th(CAMx_VD-
VF9
Hold time, CAMx_VD to CAMx_CLK rising edge
6.5
2.5
ns
CAMx_CLK)
th(CAMx_WEN-
VF10
Hold time, CAMx_WEN to CAMx_CLK rising edge
6.5
2.5
ns
CAMx_CLK)
VF11 th(C_FLD-CAMx_CLK)
Hold time, CAMx_FIELD to CAMx_CLK rising edge
6.5
2.5
ns
Table 5-82. VPFE Output Switching Characteristics
1.8V, 3.3V
NO.
PARAMETER
OPP50
OPP100
UNIT
MIN
MAX
MIN
MAX
td(CAMx_HD-
VF12
Output delay time, CAMx_HD to CLK rising edge
9
15
2
9
ns
CAMx_CLK)
td(CAMx_VD-
VF13
Output delay time, CAMx_VD to CLK rising edge
9
15
2
9
ns
CAMx_CLK)
td(CAMx_WEN-
VF14
Output delay time, CAMx_WEN to CLK rising edge
9
15
2
9
ns
CAMx_CLK)
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
215
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com