Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 217 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 217 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 213Page - Texas Instruments AM4376 Datasheet HTML 214Page - Texas Instruments AM4376 Datasheet HTML 215Page - Texas Instruments AM4376 Datasheet HTML 216Page - Texas Instruments AM4376 Datasheet HTML 217Page - Texas Instruments AM4376 Datasheet HTML 218Page - Texas Instruments AM4376 Datasheet HTML 219Page - Texas Instruments AM4376 Datasheet HTML 220Page - Texas Instruments AM4376 Datasheet HTML 221Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.12.11 Inter-Integrated Circuit (I2C)
For more information, see the Inter-Integrated Circuit (I2C) section of the AM437x ARM Cortex-A9
Microprocessors (MPUs) Technical Reference Manual (SPRUHL7).
5.12.11.1 I2C Electrical Data and Timing
Table 5-83. I2C Timing Conditions - Slave Mode
STANDARD MODE
FAST MODE
TIMING CONDITION PARAMETER
UNIT
MIN
MAX
MIN
MAX
Output Condition
Cb
Capacitive load for each bus line
400
400
pF
Table 5-84. Timing Requirements for I2C Input Timings
(see Figure 5-102)
STANDARD MODE
FAST MODE
NO.
UNIT
MIN
MAX
MIN
MAX
1
tc(SCL)
Cycle time, SCL
10
2.5
us
Setup Time, SCL high before SDA low (for a repeated
2
tsu(SCLH-SDAL)
4.7
0.6
us
START condition)
Hold time, SCL low after SDA low (for a START and a
3
th(SDAL-SCLL)
4
0.6
us
repeated START condition)
4
tw(SCLL)
Pulse duration, SCL low
4.7
1.3
us
5
tw(SCLH)
Pulse duration, SCL high
4
0.6
us
6
tsu(SDAV-SCLH)
Setup time, SDA valid before SCL high
250
100(1)
ns
7
th(SCLL-SDAV)
Hold time, SDA valid after SCL low
0(2)
3.45(3)
0(2)
0.9(3)
us
Pulse duration, SDA high between STOP and START
8
tw(SDAH)
4.7
1.3
us
conditions
9
tr(SDA)
Rise time, SDA
1000
20 + 0.1Cb(4)
300
ns
10
tr(SCL)
Rise time, SCL
1000
20 + 0.1Cb(4)
300
ns
11
tf(SDA)
Fall time, SDA
300
20 + 0.1Cb(4)
300
ns
12
tf(SCL)
Fall time, SCL
300
20 + 0.1Cb(4)
300
ns
13
tsu(SCLH-SDAH)
Setup time, high before SDA high (for STOP condition)
4
0.6
us
14
tw(SP)
Pulse duration, spike (must be suppressed)
0
50
0
50
ns
(1) A fast-mode I2C-bus™ device can be used in a standard-mode I2C-bus system, but the requirement tsu(SDA-SCLH)≥ 250 ns must then be
met. This is automatically the case if the device does not stretch the LOW period of the SCL signal. If such a device stretches the LOW
period of the SCL signal, it must output the next data bit to the SDA line tr max + tsu(SDA-SCLH) = 1000 + 250 = 1250 ns (according to the
standard-mode I2C-Bus Specification) before the SCL line is released.
(2) A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHmin of the SCL signal) to bridge the
undefined region of the falling edge of SCL.
(3) The maximum th(SDA-SCLL) has only to be met if the device does not stretch the low period [tw(SCLL)] of the SCL signal.
(4) Cb is line load in pF.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
217
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com