Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 220 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 220 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 216Page - Texas Instruments AM4376 Datasheet HTML 217Page - Texas Instruments AM4376 Datasheet HTML 218Page - Texas Instruments AM4376 Datasheet HTML 219Page - Texas Instruments AM4376 Datasheet HTML 220Page - Texas Instruments AM4376 Datasheet HTML 221Page - Texas Instruments AM4376 Datasheet HTML 222Page - Texas Instruments AM4376 Datasheet HTML 223Page - Texas Instruments AM4376 Datasheet HTML 224Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.12.12.2 McASP Electrical Data and Timing
Table 5-86. McASP Timing Conditions
TIMING CONDITION PARAMETER
MIN
TYP
MAX
UNIT
Input Conditions
tR
Input signal rise time
1(1)
4(1)
ns
tF
Input signal fall time
1(1)
4(1)
ns
Output Condition
CLOAD
Output load capacitance
15
30
pF
(1) Except when specified otherwise.
Table 5-87. Timing Requirements for McASP(1)
(see Figure 5-104)
OPP100
OPP50
NO.
UNIT
MIN
MAX
MIN
MAX
Cycle time, McASP[x]_AHCLKR and
1
tc(AHCLKRX)
20
38.46
ns
McASP[x]_AHCLKX
Pulse duration, McASP[x]_AHCLKR and
2
tw(AHCLKRX)
0.5P - 2.5(2)
0.5P - 2.5(2)
ns
McASP[x]_AHCLKX high or low
Cycle time, McASP[x]_ACLKR and
3
tc(ACLKRX)
20
38.46
ns
McASP[x]_ACLKX
Pulse duration, McASP[x]_ACLKR and
4
tw(ACLKRX)
0.5R - 2.5(3)
0.5R - 2.5(3)
ns
McASP[x]_ACLKX high or low
ACLKR and
12.3
15.5
ACLKX int
Setup time, McASP[x]_AFSR and
tsu(AFSRX-
McASP[x]_AFSX input valid before
ACLKR and
5
4
6
ns
ACLKRX)
McASP[x]_ACLKR and
ACLKX ext in
McASP[x]_ACLKX
ACLKR and
4
6
ACLKX ext out
ACLKR and
-1
-1
ACLKX int
Hold time, McASP[x]_AFSR and
th(ACLKRX-
McASP[x]_AFSX input valid after
ACLKR and
6
1.6
2.3
ns
AFSRX)
McASP[x]_ACLKR and
ACLKX ext in
McASP[x]_ACLKX
ACLKR and
1.6
2.3
ACLKX ext out
ACLKR and
12.3
15.5
ACLKX int
Setup time, McASP[x]_AXR input
ACLKR and
7
tsu(AXR-ACLKRX) valid before McASP[x]_ACLKR and
4
6
ns
ACLKX ext in
McASP[x]_ACLKX
ACLKR and
4
6
ACLKX ext out
ACLKR and
-1
-1
ACLKX int
Hold time, McASP[x]_AXR input
ACLKR and
8
th(ACLKRX-AXR)
valid after McASP[x]_ACLKR and
1.6
2.3
ns
ACLKX ext in
McASP[x]_ACLKX
ACLKR and
1.6
2.3
ACLKX ext out
(1) ACLKR internal: ACLKRCTL.CLKRM = 1, PDIR.ACLKR = 1
ACLKR external input: ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 0
ACLKR external output: ACLKRCTL.CLKRM = 0, PDIR.ACLKR=1
ACLKX internal: ACLKXCTL.CLKXM = 1, PDIR.ACLKX = 1
ACLKX external input: ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 0
ACLKX external output: ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 1
(2) P = McASP[x]_AHCLKR and McASP[x]_AHCLKX period in nano seconds (ns).
(3) R = McASP[x]_ACLKR and McASP[x]_ACLKX period in ns.
220
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com