Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 218 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 218 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 214Page - Texas Instruments AM4376 Datasheet HTML 215Page - Texas Instruments AM4376 Datasheet HTML 216Page - Texas Instruments AM4376 Datasheet HTML 217Page - Texas Instruments AM4376 Datasheet HTML 218Page - Texas Instruments AM4376 Datasheet HTML 219Page - Texas Instruments AM4376 Datasheet HTML 220Page - Texas Instruments AM4376 Datasheet HTML 221Page - Texas Instruments AM4376 Datasheet HTML 222Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 261 page
background image
25
23
19
18
22
27
20
21
17
18
28
Stop
Start
Repeated
Start
Stop
I2C[x]_SDA
I2C[x]_SCL
16
26
24
10
8
4
3
7
12
5
6
14
2
3
13
Stop
Start
Repeated
Start
Stop
I2C[x]_SDA
I2C[x]_SCL
1
11
9
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
Figure 5-102. I2C Receive Timing
Table 5-85. Switching Characteristics for I2C Output Timings
(see Figure 5-120)
STANDARD MODE
FAST MODE
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
15
tc(SCL)
Cycle time, SCL
10
2.5
us
Setup Time, SCL high before SDA low (for a repeated
16
tsu(SCLH-SDAL)
4.7
0.6
us
START condition)
Hold time, SCL low after SDA low (for a START and a
17
th(SDAL-SCLL)
4
0.6
us
repeated START condition)
18
tw(SCLL)
Pulse duration, SCL low
4.7
1.3
us
19
tw(SCLH)
Pulse duration, SCL high
4
0.6
us
20
tsu(SDAV-SCLH)
Setup time, SDA valid before SCL high
250
100
ns
21
th(SCLL-SDAV)
Hold time, SDA valid after SCL low
0
3.45
0
0.9
us
Pulse duration, SDA high between STOP and START
22
tw(SDAH)
4.7
1.3
us
conditions
23
tr(SDA)
Rise time, SDA
1000
20 + 0.1Cb(1)
300
ns
24
tr(SCL)
Rise time, SCL
1000
20 + 0.1Cb(1)
300
ns
25
tf(SDA)
Fall time, SDA
300
20 + 0.1Cb(1)
300
ns
26
tf(SCL)
Fall time, SCL
300
20 + 0.1Cb(1)
300
ns
27
tsu(SCLH-SDAH)
Setup time, high before SDA high (for STOP condition)
4
0.6
us
(1) Cb is line load in pF.
Figure 5-103. I2C Transmit Timing
218
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com