Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 208 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 208 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 204Page - Texas Instruments AM4376 Datasheet HTML 205Page - Texas Instruments AM4376 Datasheet HTML 206Page - Texas Instruments AM4376 Datasheet HTML 207Page - Texas Instruments AM4376 Datasheet HTML 208Page - Texas Instruments AM4376 Datasheet HTML 209Page - Texas Instruments AM4376 Datasheet HTML 210Page - Texas Instruments AM4376 Datasheet HTML 211Page - Texas Instruments AM4376 Datasheet HTML 212Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 261 page
background image
SWPS038-056
dss_pclk
dss_vsync
dss_hsync
dss_acbias
dss_data[23:0]
DL4
DL5
DL3
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
Table 5-74. DSS Switching Characteristics—STN Mode(1) (continued)
OPP100
OPP50
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
DL5
tw(pclk)
Pulse duration, output pixel clock dss_pclk low or high
0.45P(3)
0.55P(3)(4)
0.45P(3)
0.55P(3)(4)
ns
tJ(pclk)
Peak-peak jitter, output pixel clock dss_pclk
200
200
ps
(3)
P = dss_pclk period in ns
(4)
tW(pclk) = 0.66P when DISPC_DIVISOR[7:0] PCD = 3
A.
The pixel data bus depends on the use of 4-, 8-, 12-, 16-, 18-, or 24-bit per pixel data output pins.
B.
All timings not illustrated in the waveform are progammable by software, and control signal polarity and driven edge of
dss_pclk too.
C.
dss_vsync width must be programmed to be as small as possible.
D.
The pixel clock frequency is programmable.
E.
For more information, see the DSS chapter in the AM437x Sitara Processors Technical Reference Manual
(SPRUHL7).
Figure 5-94. DSS—STN Mode
5.12.9.1.2 DSS—Parallel Interface—RFBI Mode—Applications
5.12.9.1.2.1 DSS—Parallel Interface—RFBI Mode—MIPI DBI 2.0—LCD Panel
The Remote Frame Buffer Interface (RFBI) module provides the necessary control signals and data (MIPI® DBI
2.0 type B protocol) to interface to the LCD driver of the LCD panel.
Table 5-76 and Table 5-77 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 5-95 through Figure 5-97).
Table 5-75. DSS Timing Conditions—RFBI Mode—MIPI DBI 2.0—LCD Panel(1)
VALUE
TIMING CONDITION PARAMETER
UNIT
MIN
MAX
Input Conditions
tR
Input signal rise time
7
ns
tF
Input signal fall time
7
ns
Output Condition
CLOAD
Output load capacitance
30
pF
(1)
For any information regarding the RFBI registers configuration, see the Display Subsystem / Display Subsystem Environment / LCD
Support / Parallel Interface / Parallel Interface in RFBI Mode (MIPI DBI Protocol) / Transaction Timing Diagrams section of the AM437x
Sitara Processors Technical Reference Manual (SPRUHL7).
208
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com