Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 205 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 205 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 201Page - Texas Instruments AM4376 Datasheet HTML 202Page - Texas Instruments AM4376 Datasheet HTML 203Page - Texas Instruments AM4376 Datasheet HTML 204Page - Texas Instruments AM4376 Datasheet HTML 205Page - Texas Instruments AM4376 Datasheet HTML 206Page - Texas Instruments AM4376 Datasheet HTML 207Page - Texas Instruments AM4376 Datasheet HTML 208Page - Texas Instruments AM4376 Datasheet HTML 209Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 261 page
background image
CACLMY
CACLMX
CACLM = CACLMX + CACLMY
LPDDR2
interface
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
CACLM is the longest Manhattan distance of the CK/ADDR_CTRL signal class.
Figure 5-92. CACLM for LPDDR2 Interface
Trace routing specifications for the CK and the ADD_CTRL are specified in Table 5-70.
Table 5-70. CK and ADDR_CTRL Routing Specification
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
CK and ADDR_CTRL nominal trace length(1)
CACLM
mils
2
ADDR_CTRL skew
50
mils
3
CK skew
10
mils
4
Via count per each trace ADDR_CTRL, CK
2
5
Via count difference across ADDR_CTRL, CK
0
6
ADDR_CTRL-to-CK skew
50
mils
7
Center-to-center ADDR_CTRL to other LPDDR2 trace spacing(2)(3)
4
w
8
Center-to-center ADDR_CTRL to other ADDR_CTRL trace spacing(2)
3
w
9
CK center-to-center spacing(4)
10
CK center-to-center spacing to other net(2)
4
w
(1) CACLM is the longest Manhattan distance of ADDR_CTRL and CK.
(2) Center-to-center spacing is allowed to fall to minimum for up to 1000 mils of routed length.
(3) Other LPDDR2 trace spacing means signals that are not part of the same CK, ADDR_CTRL signal net class.
(4) CK pair spacing is set to ensure proper differential impedance. Differential impedance should be Zo x 2, where Zo is the single ended
impedance.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
205
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com