Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 206 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 206 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 202Page - Texas Instruments AM4376 Datasheet HTML 203Page - Texas Instruments AM4376 Datasheet HTML 204Page - Texas Instruments AM4376 Datasheet HTML 205Page - Texas Instruments AM4376 Datasheet HTML 206Page - Texas Instruments AM4376 Datasheet HTML 207Page - Texas Instruments AM4376 Datasheet HTML 208Page - Texas Instruments AM4376 Datasheet HTML 209Page - Texas Instruments AM4376 Datasheet HTML 210Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.12.9 Display Subsystem (DSS)
NOTE
For more information, see the Display Subsystem chapter of the AM437x Sitara Processors
Technical Reference Manual (SPRUHL7).
The display subsystem (DSS) provides the logic to display the video frame from external (SDRAM) or internal
(SRAM) memory on an LCD panel or a TV set. The display subsystem integrates the following elements:
•
Display controller (DISPC) module
•
Remote frame buffer interface (RFBI) module
The DSS can be used in the following configuration: LCD display with parallel interface
5.12.9.1 DSS—Parallel Interface
In parallel interface, the paths of the display subsystem modules are the display controller and the RFBI. The
display controller has two I/O pad modes and could be in the following configuration:
•
Bypass mode (RFBI disabled), which implements the MIPI DPI protocol
•
RFBI mode (RFBI enabled), which implements MIPI DBI 2.0 type B protocol
5.12.9.1.1 DSS—Parallel Interface—Bypass Mode
Two types of LCD panel are supported:
•
Thin film transistor (TFT) or active matrix technology
•
Supertwisted nematic (STN) or passive matrix technology
Both configurations are discussed in the following paragraphs.
5.12.9.1.1.1 DSS—Parallel Interface—Bypass Mode—TFT Mode
Table 5-72 assumes testing over the recommended operating conditions and electrical characteristic conditions
below (see Figure 5-93).
Table 5-71. DSS Timing Conditions—TFT Mode
VALUE
TIMING CONDITION PARAMETER
UNIT
MIN
MAX
Output Condition
CLOAD
Output load capacitance
10
pF
Table 5-72. DSS Switching Characteristics—TFT Mode
OPP100
OPP50
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
DL0
td(pclkA-hsync)
Delay time, output pixel clock dss_pclk active edge to
-2.4
2.4
-3.5
2.5
ns
output horizontal synchronization dss_hsync transition
DL1
td(pclkA-vsync)
Delay time, output pixel clock dss_pclk active edge to
-2.4
2.4
-3.5
2.5
ns
output vertical synchronization dss_vsync transition
DL2
td(pclkA-acbiasA)
Delay time, output pixel clock dss_pclk active edge to
-2.4
2.4
-3.5
2.5
ns
output data enable dss_acbias active level
DL3
td(pclkA-dV)
Delay time, output pixel clock dss_pclk active edge to
-2.4
2.4
-3.5
2.5
ns
output data dss_data[23:0] valid
DL4
1 / tc(pclk)
Frequency(1), output pixel clock dss_pclk
100
75
MHz
206
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com