Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 227 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 227 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 223Page - Texas Instruments AM4376 Datasheet HTML 224Page - Texas Instruments AM4376 Datasheet HTML 225Page - Texas Instruments AM4376 Datasheet HTML 226Page - Texas Instruments AM4376 Datasheet HTML 227Page - Texas Instruments AM4376 Datasheet HTML 228Page - Texas Instruments AM4376 Datasheet HTML 229Page - Texas Instruments AM4376 Datasheet HTML 230Page - Texas Instruments AM4376 Datasheet HTML 231Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.12.13.1.2 McSPI—Master Mode
Table 5-92. McSPI Timing Conditions—Master Mode
LOW LOAD
HIGH LOAD
TIMING CONDITION PARAMETER
UNIT
MIN
MAX
MIN
MAX
Input Conditions
tr
Input signal rise time
4
8
ns
tf
Input signal fall time
4
8
ns
Output Condition
Cload
Output load capacitance
5
25
pF
Table 5-93. Timing Requirements for McSPI Input Timings—Master Mode
(see Figure 5-108)
OPP100
OPP50
NO.
LOW LOAD
HIGH LOAD
LOW LOAD
HIGH LOAD
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Setup time, SPI_D[x]
4
tsu(SOMI-SPICLK)
(1)
(SOMI) valid before
3
4.5
4.5
4.5
ns
SPI_CLK active edge(2)
Hold time, SPI_D[x]
5
th(SPICLK-SOMI)
(1)
(SOMI) valid after
6
6
6
6
ns
SPI_CLK active edge(2)
(1) This timing applies to all configurations regardless of MCSPIX_CLK polarity and which clock edges are used to capture input data.
(2) Pins SPIx_D0 and SPIx_D1 can function as SIMO or SOMI.
Table 5-94. Switching Characteristics for McSPI Output Timings—Master Mode
(see Figure 5-109)
OPP100
OPP50
NO.
PARAMETER
LOW LOAD
HIGH LOAD
LOW LOAD
HIGH LOAD
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(SPICLK)
Cycle time, SPI_CLK
20.8
41.6
41.6
41.6
ns
Typical Pulse duration,
2
tw(SPICLKL)
0.45P(1)
0.45P(1)
0.45P(1)
0.55P(1)
0.45P(1)
0.45P(1)
0.45P(1)
0.45P(1)
ns
SPI_CLK low
Typical Pulse duration,
tw(SPICLKH)
0.45P(1)
0.45P(1)
0.45P(1)
0.55P(1)
0.45P(1)
0.45P(1)
0.45P(1)
0.45P(1)
ns
SPI_CLK high
3
tr(SPICLK)
Rising time, SPI_CLK
3.5
3.5
3.5
3.82
ns
tf(SPICLK)
Falling time, SPI_CLK
3.5
3.5
3.5
3.44
ns
Delay time, SPI_CLK active
td(SPICLK-
6
edge to SPI_D[x] (SIMO)
-1
4.5
-1
6.5
0
6.5
0
6.5
ns
SIMO)
transition(2)
Delay time, SPI_CS active
7
td(CS-SIMO)
edge to SPI_D[x] (SIMO)
4.5
6.5
6.5
6.5
ns
transition(2)
Mode 1
A - 4.2(4)
A - 4.2(4)
A - 5.2(4)
A - 5.2(4)
ns
Delay time, SPI_CS
and 3(3)
8
td(CS-SPICLK)
active to SPI_CLK
Mode 0
first edge
B - 4.2(5)
B - 4.2(5)
B - 5.2(5)
B - 5.2(5)
ns
and 2(3)
Mode 1
B - 4.2(5)
B - 4.2(5)
B - 5.2(5)
B - 5.2(5)
ns
Delay time,
and 3(3)
9
td(SPICLK-CS)
SPI_CLK last edge
Mode 0
to SPI_CS inactive
A - 4.2(4)
A - 4.2(4)
A - 5.2(4)
A - 5.2(4)
ns
and 2(3)
(1) P = SPI_CLK period.
(2) Pins SPIx_D0 and SPIx_D1 can function as SIMO or SOMI.
(3) The polarity of SPIx_CLK and the active edge (rising or falling) on which mcspix_simo is driven and mcspix_somi is latched is all
software configurable:
–
SPIx_CLK(1) phase programmable with the bit PHA of MCSPI_CH(i)CONF register: PHA = 1 (Modes 1 and 3).
–
SPIx_CLK(1) phase programmable with the bit PHA of MCSPI_CH(i)CONF register: PHA = 0 (Modes 0 and 2).
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
227
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com