Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 230 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 230 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 226Page - Texas Instruments AM4376 Datasheet HTML 227Page - Texas Instruments AM4376 Datasheet HTML 228Page - Texas Instruments AM4376 Datasheet HTML 229Page - Texas Instruments AM4376 Datasheet HTML 230Page - Texas Instruments AM4376 Datasheet HTML 231Page - Texas Instruments AM4376 Datasheet HTML 232Page - Texas Instruments AM4376 Datasheet HTML 233Page - Texas Instruments AM4376 Datasheet HTML 234Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 261 page
background image
QSPI_CSn
QSPI_CLK
QSPI_D[3:0]
n-1
n-2
Command
Command
1
Read Data
Read Data
0
1
3
2
4
6
6
5
8
7
8
7
max
min
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.12.14 Quad Serial Port Interface (QSPI)
The Quad SPI (QSPI) module allows single, dual or quad read access to external SPI devices. This module
provides a memory mapped register interface, which provides a direct interface to access data from external
SPI devices and to simplify software requirements. It functions as a master only. There is one QSPI module
in the device and it is primary intended for fast booting from quad-SPI flash memories.
General SPI features:
•
Programmable clock divider
•
Six pin interface (QSPI_CLK, QSPI_D0, QSPI_D1,QSPI_D2,QSPI_D3, QSPI_CS0)
•
One external chip select signal
•
Support for 3-, 4- or 6-pin SPI interface
•
Programmable CS0 to DATA_OUT delay from 0 to 3 QSPI_CLKs
•
Only supports SPI MODE 3
NOTE
For more information, see the Quad Serial Port Interface section of the AM437x ARM Cortex-A9
Microprocessors (MPUs) Technical Reference Manual (SPRUHL7).
Table 5-95 displays the switching characteristics for the Quad SPI module.
Table 5-95. QSPI Switching Characteristics
(see Figure 5-110 and Figure 5-111)
OPP100
OPP50
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1
tc(QSPI_CLK)
Cycle time, QSPI_CLK
20.8(1)
20.8(1)
ns
2
tw(QSPI_CLKL)
Pulse duration, QSPI_CLK low
9.77(1)
9.77(1)
ns
3
tw(QSPI_CLKH)
Pulse duration, QSPI_CLK high
9.77(1)
9.77(1)
ns
4
td(CS-QSPI_CLK) Delay time, QSPI_CSn active edge to
M*P+5(2)(3)
M*P+5(2)(3)
ns
QSPI_CLK transition
5
td(QSPI_CLK-
Delay time, QSPI_CLK transition to
M*P+5(2)(3)
M*P+5(2)(3)
ns
QSPI_CSn)
QSPI_CSn inactive edge
6
td(QSPI_CLK-D1) Delay time, QSPI_CLK active edge to
0
5.5
0
5.5
ns
QSPI_D[0] transition
7
tsu(D-QSPI_CLK) Setup time, QSPI_D[3:0] valid before active
8.5
8.5
ns
QSPI_CLK edge
8
th(QSPI_CLK-D)
Hold time, QSPI_D[3:0] valid after active
0
0
ns
QSPI_CLK edge
(1)
Maximum supported frequency is 48 MHz.
(2)
P = QSPI_CLK period.
(3)
M = Programmable via Data Delay Zero (DD0) register.
Figure 5-110. QSPI Read Active High Polarity
230
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com