Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 233 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 233 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 229Page - Texas Instruments AM4376 Datasheet HTML 230Page - Texas Instruments AM4376 Datasheet HTML 231Page - Texas Instruments AM4376 Datasheet HTML 232Page - Texas Instruments AM4376 Datasheet HTML 233Page - Texas Instruments AM4376 Datasheet HTML 234Page - Texas Instruments AM4376 Datasheet HTML 235Page - Texas Instruments AM4376 Datasheet HTML 236Page - Texas Instruments AM4376 Datasheet HTML 237Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 261 page
background image
1-WIRE
t
LOW1
t
LOW0
t
_and_t
SLOT
REC
1-WIRE
t
_and_t
SLOT
REC
t
_and_t
RDV
REL
t
LOWR
1-WIRE
t
RTSL
t
PDH
t
RSTH
t
PDL
HDQ
Break
0_(LSB)
7_(MSB)
0_(LSB)
Command_byte_written
Data_byte_received
1
6
1
6
t
RSPS
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
Figure 5-115. HDQ Communication Timing
5.12.15.2 1-Wire Protocol
Table 5-98 and Table 5-99 assume testing over the recommended operating conditions (see Figure 5-116
through Figure 5-118).
Table 5-98. HDQ/1-Wire Timing Requirements—1-Wire Mode
PARAMETER
MIN
MAX
UNIT
tPDH
Presence pulse delay high
15
60
μs
tPDL
Presence pulse delay low
60
240
μs
tRDV + tREL
Read bit-zero time
60
μs
Table 5-99. HDQ/1-Wire Switching Characteristics—1-Wire Mode
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
tRSTL
Reset time low
480
960
μs
tRSTH
Reset time high
480
μs
tSLOT
Bit cycle time
60
120
μs
tLOW1
Write bit-one time
1
15
μs
tLOW0
Write bit-zero time
60
120
μs
tREC
Recovery time
1
μs
tLOWR
Read bit strobe time
1
15
μs
Figure 5-116. 1-Wire Break (Reset) Timing
Figure 5-117. 1-Wire Read Bit Timing (Data)
Figure 5-118. 1-Wire Write Bit Timing (Command/Address or Data)
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
233
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com