Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 235 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 235 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 231Page - Texas Instruments AM4376 Datasheet HTML 232Page - Texas Instruments AM4376 Datasheet HTML 233Page - Texas Instruments AM4376 Datasheet HTML 234Page - Texas Instruments AM4376 Datasheet HTML 235Page - Texas Instruments AM4376 Datasheet HTML 236Page - Texas Instruments AM4376 Datasheet HTML 237Page - Texas Instruments AM4376 Datasheet HTML 238Page - Texas Instruments AM4376 Datasheet HTML 239Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 261 page
background image
CLOCKIN
DATAIN
1
5
4
2
3
6
7
8
CLOCKIN
DATAIN
1
4
5
3
2
6
7
8
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.12.16.1.2 PRU-ICSS PRU Parallel Capture Mode Electrical Data and Timing
Table 5-103. PRU-ICSS PRU Timing Requirements - Parallel Capture Mode
(see Figure 5-121 and Figure 5-122)
NO.
MIN
MAX
UNIT
1
tc(CLOCKIN)
Cycle time, CLOCKIN
20.00
ns
2
tw(CLOCKIN_L)
Pulse duration, CLOCKIN low
10.00
ns
3
tw(CLOCKIN_H)
Pulse duration, CLOCKIN high
10.00
ns
4
tr(CLOCKIN)
Rising time, CLOCKIN
1.00
3.00
ns
5
tf(CLOCKIN)
Falling time, CLOCKIN
1.00
3.00
ns
6
tsu(DATAIN-CLOCKIN)
Setup time, DATAIN valid before CLOCKIN
4.00
ns
7
th(CLOCKIN-DATAIN)
Hold time, DATAIN valid after CLOCKIN
0
ns
8
tr(DATAIN)
Rising time, DATAIN
1.00
3.00
ns
tf(DATAIN)
Falling time, DATAIN
1.00
3.00
ns
Figure 5-121. PRU-ICSS PRU Parallel Capture Timing - Rising Edge Mode
Figure 5-122. PRU-ICSS PRU Parallel Capture Timing - Falling Edge Mode
5.12.16.1.3
PRU-ICSS PRU Shift Mode Electrical Data and Timing
Table 5-104. PRU-ICSS PRU Timing Requirements - Shift In Mode
(see Figure 5-123)
NO.
MIN
MAX
UNIT
1
tc(DATAIN)
Cycle time, DATAIN
10.00
ns
2
tw(DATAIN)
Pulse width, DATAIN
0.45*P(1)
0.55*P(1)
ns
3
tr(DATAIN)
Rising time, DATAIN
1.00
3.00
ns
4
tf(DATAIN)
Falling time, DATAIN
1.00
3.00
ns
(1)
P = L3_CLK (PRU-ICSS ocp clock) period.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
235
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com