Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 234 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 234 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 230Page - Texas Instruments AM4376 Datasheet HTML 231Page - Texas Instruments AM4376 Datasheet HTML 232Page - Texas Instruments AM4376 Datasheet HTML 233Page - Texas Instruments AM4376 Datasheet HTML 234Page - Texas Instruments AM4376 Datasheet HTML 235Page - Texas Instruments AM4376 Datasheet HTML 236Page - Texas Instruments AM4376 Datasheet HTML 237Page - Texas Instruments AM4376 Datasheet HTML 238Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 261 page
background image
GPO[n:0]
3
1
2
GPI[m:0]
3
1
2
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.12.16 Programmable Real-Time Unit Subsystem and Industrial Communication
Subsystem (PRU-ICSS)
For more information, see the Programmable Real-Time Unit Subsystem and Industrial Communication
Subsystem Interface (PRU-ICSS) section of the AM437x Sitara Processors Technical Reference Manual
(SPRUHL7).
5.12.16.1 Programmable Real-Time Unit (PRU-ICSS PRU)
Table 5-100. PRU-ICSS PRU Timing Conditions
TIMING CONDITION PARAMETER
MIN
MAX
UNIT
Output Condition
Cload
Capacitive load for each bus line
3
30
pF
5.12.16.1.1 PRU-ICSS PRU Direct Input/Output Mode Electrical Data and Timing
Table 5-101. PRU-ICSS PRU Timing Requirements - Direct Input Mode
(see Figure 5-119)
NO.
MIN
MAX
UNIT
1
tw(GPI)
Pulse width, GPI
2*P(1)
ns
2
tr(GPI)
Rise time, GPI
1.00
3.00
ns
tf(GPI)
Fall time, GPI
1.00
3.00
ns
3
tsk(GPI)
Internal skew between GPI[n:0] signals(2)
5.00
ns
(1)
P = L3_CLK (PRU-ICSS ocp clock) period.
(2)
n = 16, 11 for PRU-ICSS1 and 19 for PRU-ICSS0
Figure 5-119. PRU-ICSS PRU Direct Input Timing
Table 5-102. PRU-ICSS PRU Switching Requirements - Direct Output Mode
(see Figure 5-120)
NO.
MIN
MAX
UNIT
1
tw(GPO)
Pulse width, GPO
2*P(1)
ns
2
tr(GPO)
Rise time, GPO
1.00
3.00
ns
tf(GPO)
Fall time, GPO
1.00
3.00
ns
3
tsk(GPO)
Internal skew between GPO[n:0] signals(2)
5.00
ns
(1)
P = L3_CLK (PRU-ICSS ocp clock) period.
(2)
n = 11 for PRU-ICSS1 and 19 for PRU-ICSS0
Figure 5-120. PRU-ICSS PRU Direct Output Timing
234
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com