| Electronic Components Datasheet Search |
|
AM5716 Datasheet(PDF) 102 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5716 Datasheet(HTML) 102 Page - Texas Instruments |
|
102 / 389 page ![]() AM5716, AM5718 SPRS919I – JUNE 2014 – REVISED OCTOBER 2015 www.ti.com Table 4-5. DSS Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL vout3_d9 Video Output 3 Data output O K2 vout3_d10 Video Output 3 Data output O J1 vout3_d11 Video Output 3 Data output O J2 vout3_d12 Video Output 3 Data output O H1 vout3_d13 Video Output 3 Data output O J3 vout3_d14 Video Output 3 Data output O H2 vout3_d15 Video Output 3 Data output O H3 vout3_d16 Video Output 3 Data output O R6 vout3_d17 Video Output 3 Data output O T9 vout3_d18 Video Output 3 Data output O T6 vout3_d19 Video Output 3 Data output O T7 vout3_d20 Video Output 3 Data output O P6 vout3_d21 Video Output 3 Data output O R9 vout3_d22 Video Output 3 Data output O R5 vout3_d23 Video Output 3 Data output O P5 vout3_de Video Output 3 Data Enable output O N9 vout3_fld Video Output 3 Field ID output. This signal is not used for embedded sync modes. O P9 vout3_hsync Video Output 3 Horizontal Sync output. This signal is not used for embedded sync O N7 modes. vout3_vsync Video Output 3 Vertical Sync output. This signal is not used for embedded sync modes. O R4 4.4.3 Display Subsystem – High-Definition Multimedia Interface (HDMI) NOTE For more information, see the Display Subsystem / Display Subsystem Overview of the device TRM. Table 4-6. HDMI Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL hdmi1_cec HDMI consumer electronic control IOD B20/ G19 hdmi1_hpd HDMI display hot plug detect I/O B21/ G20 hdmi1_ddc_scl HDMI display data channel clock IOD C25 hdmi1_ddc_sda HDMI display data channel data IOD F17 hdmi1_clockx HDMI clock differential positive or negative ODS AG16 hdmi1_clocky HDMI clock differential positive or negative ODS AH16 hdmi1_data2x HDMI data 2 differential positive or negative ODS AG19 hdmi1_data2y HDMI data 2 differential positive or negative ODS AH19 hdmi1_data1x HDMI data 1 differential positive or negative ODS AG18 hdmi1_data1y HDMI data 1 differential positive or negative ODS AH18 hdmi1_data0x HDMI data 0 differential positive or negative ODS AG17 hdmi1_data0y HDMI data 0 differential positive or negative ODS AH17 4.4.4 Camera Serial Interface 2 CAL bridge (CSI2) NOTE For more information, see the CAL Subsystem / CAL Subsystem Overview of the device TRM. 102 Terminal Configuration and Functions Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM5716 AM5718 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |