Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 105 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 101Page - Texas Instruments AM5716 Datasheet HTML 102Page - Texas Instruments AM5716 Datasheet HTML 103Page - Texas Instruments AM5716 Datasheet HTML 104Page - Texas Instruments AM5716 Datasheet HTML 105Page - Texas Instruments AM5716 Datasheet HTML 106Page - Texas Instruments AM5716 Datasheet HTML 107Page - Texas Instruments AM5716 Datasheet HTML 108Page - Texas Instruments AM5716 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 389 page
background image
AM5716, AM5718
www.ti.com
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
Table 4-8. EMIF Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
ddr1_d29
EMIF1 Data Bus
I/O
AA26
ddr1_d30
EMIF1 Data Bus
I/O
AA25
ddr1_d31
EMIF1 Data Bus
I/O
AA28
ddr1_ecc_d0
EMIF1 ECC Data Bus
I/O
W22
ddr1_ecc_d1
EMIF1 ECC Data Bus
I/O
V23
ddr1_ecc_d2
EMIF1 ECC Data Bus
I/O
W19
ddr1_ecc_d3
EMIF1 ECC Data Bus
I/O
W23
ddr1_ecc_d4
EMIF1 ECC Data Bus
I/O
Y25
ddr1_ecc_d5
EMIF1 ECC Data Bus
I/O
V24
ddr1_ecc_d6
EMIF1 ECC Data Bus
I/O
V25
ddr1_ecc_d7
EMIF1 ECC Data Bus
I/O
Y26
ddr1_dqm0
EMIF1 Data Mask outputs
O
AD23
ddr1_dqm1
EMIF1 Data Mask outputs
O
AB23
ddr1_dqm2
EMIF1 Data Mask outputs
O
AC26
ddr1_dqm3
EMIF1 Data Mask outputs
O
AA27
ddr1_dqm_ecc
EMIF1 ECC Data Mask outputs
O
V26
ddr1_dqs0
Data strobe 0 input/outputs for byte 0 of the 32-bit data bus. These signals are outputs
I/O
AH25
to the EMIF1 memory when writing and inputs when reading.
ddr1_dqsn0
Data strobe 0 invert
I/O
AG25
ddr1_dqs1
Data strobe 1 input/outputs for byte 1 of the 32-bit data bus. These signals are outputs
I/O
AE27
to the EMIF1 memory when writing and inputs when reading.
ddr1_dqsn1
Data strobe 1 invert
I/O
AE28
ddr1_dqs2
Data strobe 2 input/outputs for byte 2 of the 32-bit data bus. These signals are outputs
I/O
AD27
to the EMIF1 memory when writing and inputs when reading.
ddr1_dqsn2
Data strobe 2 invert
I/O
AD28
ddr1_dqs3
Data strobe 3 input/outputs for byte 3 of the 32-bit data bus. These signals are outputs
I/O
Y28
to the EMIF1 memory when writing and inputs when reading.
ddr1_dqsn3
Data strobe 3 invert
I/O
Y27
ddr1_dqs_ecc
EMIF1 ECC Data strobe input/output. These signals are outputs to the EMIF1 memory
I/O
V27
when writing and inputs when reading.
ddr1_dqsn_ecc
EMIF1 ECC Complementary Data strobe
I/O
V28
ddr1_vref0
Reference Power Supply EMIF1
A
Y18
4.4.6
General-Purpose Memory Controller (GPMC)
NOTE
For more information, see the Memory Subsystem / General-Purpose Memory Controller
section of the device TRM.
Table 4-9. GPMC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpmc_ad0
GPMC Data 0 in A/D nonmultiplexed mode and additionally Address 1
I/O
M6
in A/D multiplexed mode
gpmc_ad1
GPMC Data 1 in A/D nonmultiplexed mode and additionally Address 2
I/O
M2
in A/D multiplexed mode
gpmc_ad2
GPMC Data 2 in A/D nonmultiplexed mode and additionally Address 3
I/O
L5
in A/D multiplexed mode
gpmc_ad3
GPMC Data 3 in A/D nonmultiplexed mode and additionally Address 4
I/O
M1
in A/D multiplexed mode
Copyright © 2014–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
105
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com