| Electronic Components Datasheet Search |
|
AM5716 Datasheet(PDF) 109 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5716 Datasheet(HTML) 109 Page - Texas Instruments |
|
109 / 389 page ![]() AM5716, AM5718 www.ti.com SPRS919I – JUNE 2014 – REVISED OCTOBER 2015 4.4.9 HDQ / 1-Wire Interface (HDQ1W) NOTE For more information, see the Serial Communication Interface / HDQ/1-Wire section of the device TRM. Table 4-12. HDQ / 1-Wire Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL hdq0 HDQ or 1-wire protocol single interface pin IOD D18/ C23 4.4.10 Universal Asynchronous Receiver Transmitter (UART) NOTE For more information see the Serial Communication Interface / UART/IrDA/CIR section of the device TRM. Table 4-13. UART Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL Universal Asynchronous Receiver/Transmitter 1 (UART1) uart1_dcdn UART1 Data Carrier Detect active low I D28 uart1_dsrn UART1 Data Set Ready Active Low I D26 uart1_dtrn UART1 Data Terminal Ready Active Low O D27 uart1_rin UART1 Ring Indicator Input I C28 uart1_rxd UART1 Receive Data Input I B27 uart1_txd UART1 Transmit Data Output O C26 uart1_ctsn UART1 clear to send active low I E25 uart1_rtsn UART1 request to send active low O C27 Universal Asynchronous Receiver/Transmitter 2 (UART2) uart2_rxd UART2 Receive Data Input I D28 uart2_txd UART2 Transmit Data Output O D26 uart2_ctsn UART2 clear to send active low I D27 uart2_rtsn UART2 request to send active low O C28 Universal Asynchronous Receiver/Transmitter 3 (UART3)/IrDA uart3_rxd UART3 Receive Data Input I V2/ AB3/ A26 uart3_txd UART3 Transmit Data Output O Y1/ AA4/ B22/ C28 uart3_ctsn UART3 clear to send active low I U4/ W9/ G17/ D28 uart3_rtsn UART3 request to send active low O V1/ V9/ D28/ B24 uart3_rctx Remote control data output O D28 uart3_sd Infrared transceiver configure/shutdown O D26 uart3_irrx Infrared data input. Also functions as uart3_rxd Receive Data Input when IrDA I D27 mode is not used. uart3_irtx Infrared data output O C28 Universal Asynchronous Receiver/Transmitter 4 (UART4) uart4_rxd UART4 Receive Data Input I V7/ G16/ B21 uart4_txd UART4 Transmit Data Output O U7/ D17/ B20 uart4_ctsn UART4 clear to send active low I V6 uart4_rtsn UART4 request to send active low O U6 Universal Asynchronous Receiver/Transmitter 5 (UART5) Copyright © 2014–2015, Texas Instruments Incorporated Terminal Configuration and Functions 109 Submit Documentation Feedback Product Folder Links: AM5716 AM5718 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |